Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L072xB Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STM32L072xB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072xB Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STM32L072xB Datasheet HTML 41Page - STMicroelectronics STM32L072xB Datasheet HTML 42Page - STMicroelectronics STM32L072xB Datasheet HTML 43Page - STMicroelectronics STM32L072xB Datasheet HTML 44Page - STMicroelectronics STM32L072xB Datasheet HTML 45Page - STMicroelectronics STM32L072xB Datasheet HTML 46Page - STMicroelectronics STM32L072xB Datasheet HTML 47Page - STMicroelectronics STM32L072xB Datasheet HTML 48Page - STMicroelectronics STM32L072xB Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 147 page
background image
DocID027100 Rev 3
45/147
STM32L072xx
Pin descriptions
56
-
-
-
-
-
-
20 K1
VREF-
S
-
-
-
-
-
-
-
G1 E6 21 L1
VREF+
S
-
-
-
5
5
9
13 H1 F7 22 M1
VDDA
S
-
-
-
6
6
10 14 G2 E5 23 L2
PA0
I/O TTa
-
TIM2_CH1,
TSC_G1_IO1,
USART2_CTS,
TIM2_ETR, USART4_TX,
COMP1_OUT
COMP1_INM,
ADC_IN0,
RTC_TAMP2/WKUP1
7
7
11 15 H2 E4 24 M2
PA1
I/O
FT
-
EVENTOUT, TIM2_CH2,
TSC_G1_IO2,
USART2_RTS,
TIM21_ETR,
USART4_RX
COMP1_INP, ADC_IN1
8
8
12 16 F3 F6 25 K3
PA2
I/O
FT
-
TIM21_CH1, TIM2_CH3,
TSC_G1_IO3,
USART2_TX,
LPUART1_TX,
COMP2_OUT
COMP2_INM,
ADC_IN2
9
9
13 17 G3 G7 26 L3
PA3
I/O
FT
-
TIM21_CH2, TIM2_CH4,
TSC_G1_IO4,
USART2_RX,
LPUART1_RX
COMP2_INP, ADC_IN3
-
-
-
18 C2
-
27 D3
VSS
S
-
-
-
-
--
-
19 D2
-
28 H3
VDD
S
-
-
-
-
10 10 14 20 H3 F5 29 M3
PA4
I/O TC
(2)
SPI1_NSS,
TSC_G2_IO1,
USART2_CK,
TIM22_ETR
COMP1_INM,
COMP2_INM,
ADC_IN4, DAC_OUT1
11 11 15 21 F4 G6 30 K4
PA5
I/O TC
-
SPI1_SCK, TIM2_ETR,
TSC_G2_IO2, TIM2_CH1
COMP1_INM,
COMP2_INM,
ADC_IN5, DAC_OUT2
Table 16. STM32L072xxx pin definition (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More