Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F745VG Fiches technique(PDF) 64 Page - STMicroelectronics

No de pièce STM32F745VG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F745VG Fiches technique(HTML) 64 Page - STMicroelectronics

Back Button STM32F745VG Datasheet HTML 60Page - STMicroelectronics STM32F745VG Datasheet HTML 61Page - STMicroelectronics STM32F745VG Datasheet HTML 62Page - STMicroelectronics STM32F745VG Datasheet HTML 63Page - STMicroelectronics STM32F745VG Datasheet HTML 64Page - STMicroelectronics STM32F745VG Datasheet HTML 65Page - STMicroelectronics STM32F745VG Datasheet HTML 66Page - STMicroelectronics STM32F745VG Datasheet HTML 67Page - STMicroelectronics STM32F745VG Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 227 page
background image
Pinouts and pin description
STM32F745xx STM32F746xx
64/227
DocID027590 Rev 4
-
-
-
83
-
102 114 J10
VSS
S
-
-
-
-
-
-
L1
84
J13 103 115 J11
VDD
S
-
-
-
-
61
H8
J2
85 M14 104 116 L12
PD14
I/O FT
-
TIM4_CH3, UART8_CTS,
FMC_D0, EVENTOUT
-
62
G8
K1
86
L14 105 117 K13
PD15
I/O FT
-
TIM4_CH4, UART8_RTS,
FMC_D1, EVENTOUT
-
-
-
-
-
-
-
118 K12
PJ6
I/O FT
-
LCD_R7, EVENTOUT
-
-
-
-
-
-
-
119 J12
PJ7
I/O FT
-
LCD_G0, EVENTOUT
-
-
-
-
-
-
-
120 H12
PJ8
I/O FT
-
LCD_G1, EVENTOUT
-
-
-
-
-
-
-
121 J13
PJ9
I/O FT
-
LCD_G2, EVENTOUT
-
-
-
-
-
-
-
122 H13
PJ10
I/O FT
-
LCD_G3, EVENTOUT
-
-
-
-
-
-
-
123 G12
PJ11
I/O FT
-
LCD_G4, EVENTOUT
-
-
-
-
-
-
-
124 H11
VDD
S
-
-
-
-
-
-
-
-
-
-
125 H10
VSS
S
-
-
-
-
-
-
-
-
-
-
126 G13
PK0
I/O FT
-
LCD_G5, EVENTOUT
-
-
-
-
-
-
-
127 F12
PK1
I/O FT
-
LCD_G6, EVENTOUT
-
-
-
-
-
-
-
128 F13
PK2
I/O FT
-
LCD_G7, EVENTOUT
-
-
-
J1
87
L15 106 129 M13
PG2
I/O FT
-
FMC_A12, EVENTOUT
-
-
-
G3
88
K15 107 130 M12
PG3
I/O FT
-
FMC_A13, EVENTOUT
-
-
-
G5
89
K14 108 131 N12
PG4
I/O FT
-
FMC_A14/FMC_BA0,
EVENTOUT
-
-
-
G6
90
K13 109 132 N11
PG5
I/O FT
-
FMC_A15/FMC_BA1,
EVENTOUT
-
-
-
G4
91
J15 110 133 J15
PG6
I/O FT
-
DCMI_D12, LCD_R7,
EVENTOUT
-
-
-
H1
92
J14 111 134 J14
PG7
I/O FT
-
USART6_CK, FMC_INT,
DCMI_D13, LCD_CLK,
EVENTOUT
-
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More