| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F745VG Fiches technique(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F745VG Fiches technique(HTML) 59 Page - STMicroelectronics |
|
59 / 227 page ![]() DocID027590 Rev 4 59/227 STM32F745xx STM32F746xx Pinouts and pin description 88 31 K3 L8 43 R3 53 56 R3 PA7 I/O FT (4) TIM1_CH1N, TIM3_CH2, TIM8_CH1N, SPI1_MOSI/I2S1_SD, TIM14_CH1, ETH_MII_RX_DV/ETH_R MII_CRS_DV, FMC_SDNWE, EVENTOUT ADC12_IN7 32 G4 M8 44 N5 54 57 N5 PC4 I/O FT (4) I2S1_MCK, SPDIFRX_IN2, ETH_MII_RXD0/ETH_RM II_RXD0, FMC_SDNE0, EVENTOUT ADC12_IN14 33 H4 N9 45 P5 55 58 P5 PC5 I/O FT (4) SPDIFRX_IN3, ETH_MII_RXD1/ETH_RM II_RXD1, FMC_SDCKE0, EVENTOUT ADC12_IN15 - - J7 - - - 59 L7 VDD S - - - - - - - - - - 60 L6 VSS S - - - - 34 J4 N8 46 R5 56 61 R5 PB0 I/O FT (4) TIM1_CH2N, TIM3_CH3, TIM8_CH2N, UART4_CTS, LCD_R3, OTG_HS_ULPI_D1, ETH_MII_RXD2, EVENTOUT ADC12_IN8 35 K4 K7 47 R4 57 62 R4 PB1 I/O FT (4) TIM1_CH3N, TIM3_CH4, TIM8_CH3N, LCD_R6, OTG_HS_ULPI_D2, ETH_MII_RXD3, EVENTOUT ADC12_IN9 36 G5 L7 48 M6 58 63 M5 PB2 I/O FT - SAI1_SD_A, SPI3_MOSI/I2S3_SD, QUADSPI_CLK, EVENTOUT - - - - - - - 64 G4 PI15 I/O FT - LCD_R0, EVENTOUT - - - - - - - 65 R6 PJ0 I/O FT - LCD_R1, EVENTOUT - - - - - - - 66 R7 PJ1 I/O FT - LCD_R2, EVENTOUT - Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |