Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F479II Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce STM32F479II
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Crypto, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479II Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button STM32F479II Datasheet HTML 75Page - STMicroelectronics STM32F479II Datasheet HTML 76Page - STMicroelectronics STM32F479II Datasheet HTML 77Page - STMicroelectronics STM32F479II Datasheet HTML 78Page - STMicroelectronics STM32F479II Datasheet HTML 79Page - STMicroelectronics STM32F479II Datasheet HTML 80Page - STMicroelectronics STM32F479II Datasheet HTML 81Page - STMicroelectronics STM32F479II Datasheet HTML 82Page - STMicroelectronics STM32F479II Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 217 page
background image
Port
G
PG0
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A10
-
-
EVENT
OUT
PG1
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A11
--
EVENT
OUT
PG2
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A12
--
EVENT
OUT
PG3
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A13
--
EVENT
OUT
PG4
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A14/F
MC_BA0
--
EVENT
OUT
PG5
-
-
-
-
-
-
-
-
-
-
-
-
FMC_A15/F
MC_BA1
--
EVENT
OUT
PG6
-
-
-
-
-
-
-
-
-
-
-
-
DCMI_D12
LCD_R7
EVENT
OUT
PG7
-
-
-
-
-
SAI1_MCL
K_A
USART6
_CK
-
-
-
FMC_INT
DCMI_D13
LCD_CLK
EVENT
OUT
PG8
-
-
-
-
-
SPI6_NSS
-
-
USART6
_RTS
--
ETH_PPS_OU
T
FMC_SDCL
K
LCD_G7
EVENT
OUT
PG9
-
-
-
-
-
-
-
-
USART6
_RX
QUADSPI_
BK2_IO2
--
FMC_NE2/
FMC_NCE
DCMI_VS
YNC
EVENT
OUT
PG1
0
-
-
-
-
-
-
-
-
LCD_G3
-
-
FMC_NE3
DCMI_D2
LCD_B2
EVENT
OUT
PG11
-
-
-
-
-
-
-
-
-
-
-
ETH_MII_TX_
EN/ETH_RMII
_TX_EN
-
DCMI_D3
LCD_B3
EVENT
OUT
PG1
2
-
-
-
-
-
SPI6_MISO
-
-
USART6
_RTS
LCD_B4
-
-
FMC_NE4
-
LCD_B1
EVENT
OUT
PG1
3
TRACED
0
--
-
-
SPI6_SCK
-
-
USART6
_CTS
--
ETH_MII_TXD
0/ETH_RMII_T
XD0
FMC_A24
-
LCD_R0
EVENT
OUT
PG1
4
TRACED
1
-
-
-
-
SPI6_MOSI
-
-
USART6
_TX
QUADSPI_
BK2_IO3
-
-
FMC_A25
-
LCD_B0
EVENT
OUT
PG1
5
--
-
-
-
-
-
-
USART6
_CTS
--
-
FMC_
SDNCAS
DCMI_D13
-
EVENT
‘OUT
Table 12. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/
5
TIM8/9/
10/11
I2C1/2/3
SPI1/2/3
/4/5/6
SPI2/3/
SAI1
SPI2/3/
USART
1/2/3
USAR
T6/
UART
4/5/7/
8
CAN1/2/
TIM12/
13/14/
QUAD
SPI/LCD
QUAD
SPI/OT
G2_HS
/OTG1
_FS
ETH
FMC/
SDIO/
OTG2_
FS
DCMI/
DSI
HOST
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More