| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F479II Fiches technique(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479II Fiches technique(HTML) 66 Page - STMicroelectronics |
|
66 / 217 page ![]() Pinouts and pin description STM32F479xx 66/217 DocID028010 Rev 3 83 115 A9 C4 A12 141 163 A12 PC12 I/O FT - TRACED3, SPI3_MOSI/I2S3_SD, USART3_CK, UART5_TX, SDIO_CK, DCMI_D9, EVENTOUT - 84 116 C9 E6 B12 142 164 B12 PD0 I/O FT - CAN1_RX, FMC_D2, EVENTOUT - 85 117 C7 A3 C12 143 165 C12 PD1 I/O FT - CAN1_TX, FMC_D3, EVENTOUT - 86 118 B8 C5 D12 144 166 D12 PD2 I/O FT - TRACED2, TIM3_ETR, UART5_RX, SDIO_CMD, DCMI_D11, EVENTOUT - 87 119 C8 D6 D11 145 167 C11 PD3 I/O FT - SPI2_SCK/I2S2_CK, USART2_CTS, FMC_CLK, DCMI_D5, LCD_G7, EVENTOUT - 88 120 C6 B4 D10 146 168 D11 PD4 I/O FT - USART2_RTS, FMC_NOE, EVENTOUT - 89 121 B7 C6 C11 147 169 C10 PD5 I/O FT - USART2_TX, FMC_NWE, EVENTOUT - - 122 F8 A4 D8 148 170 F8 VSS S - - - - - 123 F7 - C8 149 171 E9 VDD S - - - - 90 124 D7 E7 B11 150 172 B11 PD6 I/O FT - SPI3_MOSI/I2S3_SD, SAI1_SD_A, USART2_RX, FMC_NWAIT, DCMI_D10, LCD_B2, EVENTOUT - 91 - A8 A5 A11 151 173 A11 PD7 I/O FT - USART2_CK, FMC_NE1, EVENTOUT - - - --- - 174 B10 PJ12 I/O FT - LCD_G3, LCD_B0, EVENTOUT - - - - - - - 175 B9 PJ13 I/O FT - LCD_G4, LCD_B1, EVENTOUT - - - - - - - 176 C9 PJ14 I/O FT - LCD_B2, EVENTOUT - - - - - - - 177 D10 PJ15 I/O FT - LCD_B3, EVENTOUT - - 125 E6 D7 C10 152 178 D9 PG9 I/O FT - USART6_RX, QUADSPI_BK2_IO2, FMC_NE2/FMC_NCE, DCMI_VSYNC, EVENTOUT - - 126 E7 C7 B10 153 179 C8 PG10 I/O FT - LCD_G3, FMC_NE3, DCMI_D2, LCD_B2, EVENTOUT - - 127 B6 B6 B9 154 180 B8 PG11 I/O FT - ETH_MII_TX_EN/ETH_RMI I_TX_EN, DCMI_D3, LCD_B3, EVENTOUT - Table 10. STM32F479xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |