| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F446VC Fiches technique(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446VC Fiches technique(HTML) 63 Page - STMicroelectronics |
|
63 / 202 page ![]() Port E PE0 - - TIM4_ETR - - - - - - - SAI2_ MCLK_A - FMC_ NBL0 DCMI_D2 - EVENT OUT PE1 - - - - - - - - - - - - FMC_ NBL1 DCMI_D3 - EVENT OUT PE2 TRACE CLK -- - - SPI4_SCK SAI1_ MCLK_A -- QUADSPI_ BK1_IO2 -- FMC_A23 - - EVENT OUT PE3 TRACE D0 -- - - - SAI1_ SD_B - - - - - FMC_A19 - - EVENT OUT PE4 TRACE D1 - - - - SPI4_NSS SAI1_ FS_A - - - - - FMC_A20 DCMI_D4 - EVENT OUT PE5 TRACE D2 - - TIM9_CH1 - SPI4_MISO SAI1_ SCK_A - - - - - FMC_A21 DCMI_D6 - EVENT OUT PE6 TRACE D3 - - TIM9_CH2 - SPI4_MOSI SAI1_ SD_A - - - - - FMC_A22 DCMI_D7 - EVENT OUT PE7 - TIM1_ETR - - - - - - UART5_RX - QUADSPI_ BK2_IO0 -FMC_D4 - - EVENT OUT PE8 - TIM1_CH1N - - - - - - UART5_TX - QUADSPI_ BK2_IO1 -FMC_D5 - - EVENT OUT PE9 - TIM1_CH1 - - - - - - - - QUADSPI_ BK2_IO2 -FMC_D6 - - EVENT OUT PE10 - TIM1_CH2N - - - - - - - - QUADSPI_ BK2_IO3 -FMC_D7 - - EVENT OUT PE11 - TIM1_CH2 - - - SPI4_NSS - - - - SAI2_ SD_B - FMC_D8 - - EVENT OUT PE12 - TIM1_CH3N - - - SPI4_SCK - - - - SAI2_ SCK_B -FMC_D9 - - EVENT OUT PE13 - TIM1_CH3 - - - SPI4_MISO - - - - SAI2_ FS_B - FMC_D10 - - EVENT OUT PE14 - TIM1_CH4 - - - SPI4_MOSI - - - - SAI2_ MCLK_B -FMC_D11 - - EVENT OUT PE15 - TIM1_BKIN - - - - - - - - - - FMC_D12 - - EVENT OUT Table 11. Alternate function (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/ 10/11/ CEC I2C1/2/3 /4/CEC SPI1/2/3/ 4 SPI2/3/4/ SAI1 SPI2/3/ USART1/ 2/3/UART 5/SPDIFR X SAI/ USART6/ UART4/5/ SPDIFRX CAN1/2 TIM12/13/ 14/ QUADSPI SAI2/ QUADSPI/ OTG2_HS/ OTG1_FS OTG1_FS FMC/ SDIO/ OTG2_FS DCMI - SYS |