Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F446VC Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce STM32F446VC
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446VC Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button STM32F446VC Datasheet HTML 50Page - STMicroelectronics STM32F446VC Datasheet HTML 51Page - STMicroelectronics STM32F446VC Datasheet HTML 52Page - STMicroelectronics STM32F446VC Datasheet HTML 53Page - STMicroelectronics STM32F446VC Datasheet HTML 54Page - STMicroelectronics STM32F446VC Datasheet HTML 55Page - STMicroelectronics STM32F446VC Datasheet HTML 56Page - STMicroelectronics STM32F446VC Datasheet HTML 57Page - STMicroelectronics STM32F446VC Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 202 page
background image
Pinout and pin description
STM32F446xC/E
54/202
DocID027107 Rev 6
40
66
D1
E11
99
PC9
I/O FT
-
MCO2, TIM3_CH4,
TIM8_CH4, I2C3_SDA,
I2S_CKIN, UART5_CTS,
QUADSPI_BK1_IO0,
SDIO_D1, DCMI_D3,
EVENTOUT
-
41
67
E2
E12 100
PA8
I/O FT
-
MCO1, TIM1_CH1,
I2C3_SCL, USART1_CK,
OTG_FS_SOF,
EVENTOUT
-
42
68
F4
D12 101
PA9
I/O FT
-
TIM1_CH2, I2C3_SMBA,
SPI2_SCK/I2S2_CK,
SAI1_SD_B, USART1_TX,
DCMI_D0, EVENTOUT
OTG_FS_VBUS
43
69
E3
D11 102
PA10
I/O FT
-
TIM1_CH3, USART1_RX,
OTG_FS_ID, DCMI_D1,
EVENTOUT
-
44
70
C1
C12 103
PA11(1)
I/O FT
-
TIM1_CH4, USART1_CTS,
CAN1_RX, OTG_FS_DM,
EVENTOUT
-
45
71
E4
B12 104
PA12(1)
I/O FT
-
TIM1_ETR, USART1_RTS,
SAI2_FS_B, CAN1_TX,
OTG_FS_DP, EVENTOUT
-
46
72
D2
A12 105 PA13(JTMS-SWDIO) I/O FT
-
JTMS-SWDIO,
EVENTOUT
-
-
73
C2
G9
106
VCAP_2
S
-
-
-
-
47
74
B1
G10 107
VSS
S
-
-
-
-
48
75
A1
F9
108
VDD
S
-
-
-
-
49
76
C3
A11 109 PA14(JTCK-SWCLK) I/O FT
-
JTCK-SWCLK,
EVENTOUT
-
50
77
B2
A10 110
PA15(JTDI)
I/O FT
-
JTDI,
TIM2_CH1/TIM2_ETR,
HDMI_CEC,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
UART4_RTS, EVENTOUT
-
Table 10. STM32F446xx pin and ball descriptions (continued)
Pin Number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More