Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F446RE Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce STM32F446RE
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RE Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button STM32F446RE Datasheet HTML 58Page - STMicroelectronics STM32F446RE Datasheet HTML 59Page - STMicroelectronics STM32F446RE Datasheet HTML 60Page - STMicroelectronics STM32F446RE Datasheet HTML 61Page - STMicroelectronics STM32F446RE Datasheet HTML 62Page - STMicroelectronics STM32F446RE Datasheet HTML 63Page - STMicroelectronics STM32F446RE Datasheet HTML 64Page - STMicroelectronics STM32F446RE Datasheet HTML 65Page - STMicroelectronics STM32F446RE Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 202 page
background image
Port D
PD0
-
-
-
-
-
SPI4_MISO
SPI3_
MOSI/
I2S3_SD
-
-
CAN1_RX
-
-
FMC_D2
-
-
EVENT
OUT
PD1
-
-
-
-
-
-
-
SPI2_NSS/
I2S2_WS
-
CAN1_TX
-
-
FMC_D3
-
-
EVENT
OUT
PD2
-
-
TIM3_ETR
-
-
-
-
-
UART5_RX
-
-
-
SDIO_CMD
DCMI_
D11
-
EVENT
OUT
PD3
TRACE
D1
--
-
-
SPI2_SCK/
I2S2_CK
-
USART2_
CTS
-
QUADSPI_
CLK
--
FMC_CLK
DCMI_
D5
-
EVENT
OUT
PD4
-
-
-
-
-
-
-
USART2_
RTS
--
-
-
FMC_NOE
-
-
EVENT
OUT
PD5
-
-
-
-
-
-
-
USART2_
TX
--
-
-
FMC_NWE
-
-
EVENT
OUT
PD6
-
-
-
-
-
SPI3_
MOSI/
I2S3_SD
SAI1_
SD_A
USART2_
RX
--
-
-
FMC_
NWAIT
DCMI_
D10
-
EVENT
OUT
PD7
-
-
-
-
-
-
-
USART2_
CK
SPDIF_
RX0
--
-
FMC_NE1
-
-
EVENT
OUT
PD8
-
-
-
-
-
-
-
USART3_
TX
SPDIF_
RX1
-
-
-
FMC_D13
-
-
EVENT
OUT
PD9
-
-
-
-
-
-
-
USART3_
RX
-
-
-
-
FMC_D14
-
-
EVENT
OUT
PD10
--
-
-
--
-
USART3_
CK
-
-
-
-
FMC_D15
-
-
EVENT
OUT
PD11
-
--
-
FMPI2C1
_SMBA
--
USART3_
CTS
-
QUADSPI_
BK1_IO0
SAI2_SD_A
-
FMC_A16
-
-
EVENT
OUT
PD12
-
-
TIM4_CH1
-
FMPI2C1
_SCL
--
USART3_
RTS
-
QUADSPI_
BK1_IO1
SAI2_FS_A
-
FMC_A17
-
-
EVENT
OUT
PD13
-
-
TIM4_CH2
-
FMPI2C1
_SDA
--
-
-
QUADSPI_
BK1_IO3
SAI2_SCK_A
-
FMC_A18
-
-
EVENT
OUT
PD14
-
-
TIM4_CH3
-
FMPI2C1
_SCL
--
-
SAI2_
SCK_A
--
-
FMC_D0
-
-
EVENT
OUT
PD15
-
-
TIM4_CH4
-
FMPI2C1
_SDA
--
-
-
-
-
-
FMC_D1
-
-
EVENT
OUT
Table 11. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/
10/11/
CEC
I2C1/2/3
/4/CEC
SPI1/2/3/
4
SPI2/3/4/
SAI1
SPI2/3/
USART1/
2/3/UART
5/SPDIFR
X
SAI/
USART6/
UART4/5/
SPDIFRX
CAN1/2
TIM12/13/
14/
QUADSPI
SAI2/
QUADSPI/
OTG2_HS/
OTG1_FS
OTG1_FS
FMC/
SDIO/
OTG2_FS
DCMI
-
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More