Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F446RE Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce STM32F446RE
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 512kB Flash/1284KB RAM, USB OTG HS/FS, 17 TIMs, 3 ADCs, 20 comm. interfaces
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RE Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button STM32F446RE Datasheet HTML 48Page - STMicroelectronics STM32F446RE Datasheet HTML 49Page - STMicroelectronics STM32F446RE Datasheet HTML 50Page - STMicroelectronics STM32F446RE Datasheet HTML 51Page - STMicroelectronics STM32F446RE Datasheet HTML 52Page - STMicroelectronics STM32F446RE Datasheet HTML 53Page - STMicroelectronics STM32F446RE Datasheet HTML 54Page - STMicroelectronics STM32F446RE Datasheet HTML 55Page - STMicroelectronics STM32F446RE Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 202 page
background image
Pinout and pin description
STM32F446xC/E
52/202
DocID027107 Rev 6
34
52
H2 M12
74
PB13
I/O FT
-
TIM1_CH1N,
SPI2_SCK/I2S2_CK,
USART3_CTS, CAN2_TX,
OTG_HS_ULPI_D6,
EVENTOUT
OTG_HS_VBUS
35
53
J1
L11
75
PB14(1)
I/O FT
-
TIM1_CH2N, TIM8_CH2N,
SPI2_MISO,
USART3_RTS,
TIM12_CH1,
OTG_HS_DM, EVENTOUT
-
36
54
G3
L12
76
PB15(1)
I/O FT
-
RTC_REFIN, TIM1_CH3N,
TIM8_CH3N,
SPI2_MOSI/I2S2_SD,
TIM12_CH2, OTG_HS_DP,
EVENTOUT
-
-
55
-
L9
77
PD8
I/O FT
-
USART3_TX,
SPDIFRX_IN1, FMC_D13,
EVENTOUT
-
-
56
-
K9
78
PD9
I/O FT
-
USART3_RX, FMC_D14,
EVENTOUT
-
-
57
-
J9
79
PD10
I/O FT
-
USART3_CK, FMC_D15,
EVENTOUT
-
-58
H1
H9
80
PD11
I/O FT
-
FMPI2C1_SMBA,
USART3_CTS,
QUADSPI_BK1_IO0,
SAI2_SD_A, FMC_A16,
EVENTOUT
-
-
59
G2
L10
81
PD12
I/O FTf -
TIM4_CH1,
FMPI2C1_SCL,
USART3_RTS,
QUADSPI_BK1_IO1,
SAI2_FS_A, FMC_A17,
EVENTOUT
-
-
60
G1
K10
82
PD13
I/O FTf -
TIM4_CH2,
FMPI2C1_SDA,
QUADSPI_BK1_IO3,
SAI2_SCK_A, FMC_A18,
EVENTOUT
-
-
-
-
G8
83
VSS
S
-
-
-
-
--
-
F8
84
VDD
S
-
-
-
-
Table 10. STM32F446xx pin and ball descriptions (continued)
Pin Number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More