| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F469AE Fiches technique(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F469AE Fiches technique(HTML) 69 Page - STMicroelectronics |
|
69 / 217 page ![]() DocID028196 Rev 3 69/217 STM32F469xx Pinouts and pin description 82 6. If the device is delivered in an WLCSP168, UFBGA169, UFBGA176, LQFP176 or TFBGA216 package, and the BYPASS_REG pin is set to VDD (Regulator OFF/internal reset ON mode), then PA0 is used as an internal Reset (active low). 7. PI0 and PI1 cannot be used for I2S2 full-duplex mode. |