Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F469AE Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce STM32F469AE
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469AE Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button STM32F469AE Datasheet HTML 61Page - STMicroelectronics STM32F469AE Datasheet HTML 62Page - STMicroelectronics STM32F469AE Datasheet HTML 63Page - STMicroelectronics STM32F469AE Datasheet HTML 64Page - STMicroelectronics STM32F469AE Datasheet HTML 65Page - STMicroelectronics STM32F469AE Datasheet HTML 66Page - STMicroelectronics STM32F469AE Datasheet HTML 67Page - STMicroelectronics STM32F469AE Datasheet HTML 68Page - STMicroelectronics STM32F469AE Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 217 page
background image
DocID028196 Rev 3
65/217
STM32F469xx
Pinouts and pin description
82
77
110 D10
C2
G13 131 150 F11
VDD
S
-
-
-
-
-
-
D9
B1
-
-
151 E12
PH13
I/O
FT
-
TIM8_CH1N, CAN1_TX,
FMC_D21, LCD_G2,
EVENTOUT
-
-
-
C13
D3
-
-
152 E13
PH14
I/O
FT
-
TIM8_CH2N, FMC_D22,
DCMI_D4, LCD_G3,
EVENTOUT
-
-
-
C12
E4
-
-
153 D13
PH15
I/O
FT
-
TIM8_CH3N, FMC_D23,
DCMI_D11, LCD_G4,
EVENTOUT
-
-
-
B13
E5
E14 132 154 E14
PI0
I/O
FT
-
TIM5_CH4,
SPI2_NSS/I2S2_WS(7),
FMC_D24, DCMI_D13,
LCD_G5, EVENTOUT
-
-
-
C11
C3
D14 133 155 D14
PI1
I/O
FT
-
SPI2_SCK/I2S2_CK(7),
FMC_D25, DCMI_D8,
LCD_G6, EVENTOUT
-
--
B12
A1
-
NC
(2)
156 C14
PI2
I/O
FT
-
TIM8_CH4, SPI2_MISO,
I2S2ext_SD, FMC_D26,
DCMI_D9, LCD_G7,
EVENTOUT
-
-
-
B10
B2
C13 134 157 C13
PI3
I/O
FT
-
TIM8_ETR,
SPI2_MOSI/I2S2_SD,
FMC_D27, DCMI_D10,
EVENTOUT
-
78
-
-
-
D9
135
-
F9
VSS
S
-
-
-
-
-
-
-
B5
C9
136 158 E10
VDD
S
-
-
-
-
79
111 A10
D4
A14 137 159 A14
PA14(JTCK-
SWCLK)
I/O
FT
-
JTCK-SWCLK, EVENTOUT
-
80
112 B11
A2
A13 138 160 A13
PA15(JTDI)
I/O
FT
-
JTDI,
TIM2_CH1/TIM2_ETR,
SPI1_NSS,
SPI3_NSS/I2S3_WS,
EVENTOUT
-
81
113 C10
D5
B14 139 161 B14
PC10
I/O
FT
-
SPI3_SCK/I2S3_CK,
USART3_TX, UART4_TX,
QUADSPI_BK1_IO1,
SDIO_D2, DCMI_D8,
LCD_R2, EVENTOUT
-
82
114
B9
B3
B13 140 162 B13
PC11
I/O
FT
-
I2S3ext_SD, SPI3_MISO,
USART3_RX, UART4_RX,
QUADSPI_BK2_NCS,
SDIO_D3, DCMI_D4,
EVENTOUT
-
Table 10. STM32F469xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More