Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412VG Fiches technique(PDF) 58 Page - STMicroelectronics

No de pièce STM32F412VG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412VG Fiches technique(HTML) 58 Page - STMicroelectronics

Back Button STM32F412VG Datasheet HTML 54Page - STMicroelectronics STM32F412VG Datasheet HTML 55Page - STMicroelectronics STM32F412VG Datasheet HTML 56Page - STMicroelectronics STM32F412VG Datasheet HTML 57Page - STMicroelectronics STM32F412VG Datasheet HTML 58Page - STMicroelectronics STM32F412VG Datasheet HTML 59Page - STMicroelectronics STM32F412VG Datasheet HTML 60Page - STMicroelectronics STM32F412VG Datasheet HTML 61Page - STMicroelectronics STM32F412VG Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 193 page
background image
Pinouts and pin description
STM32F412xE/G
58/193
DocID028087 Rev 4
-
51 C3 78 B11 B11 111
PC10
I/O
FT
-
SPI3_SCK/I2S3_CK,
USART3_TX,
QUADSPI_BK1_IO1,
SDIO_D2, EVENTOUT
-
-
52B379 C10 B10 112
PC11
I/O
FT
-
I2S3ext_SD, SPI3_MISO,
USART3_RX,
QUADSPI_BK2_NCS,
FSMC_D2, SDIO_D3,
EVENTOUT
-
-
53A380 B10 C10 113
PC12
I/O
FT
-
SPI3_MOSI/I2S3_SD,
USART3_CK, FSMC_D3,
SDIO_CK, EVENTOUT
-
-
-
-
81
C9 E10 114
PD0
I/O
FT
-
CAN1_RX,
FSMC_D2/FSMC_DA2,
EVENTOUT
-
-
-
-
82
B9 D10 115
PD1
I/O
FT
-
CAN1_TX,
FSMC_D3/FSMC_DA3,
EVENTOUT
-
-
54A483
C8
E9 116
PD2
I/O
FT
-
TIM3_ETR, FSMC_NWE,
SDIO_CMD, EVENTOUT
-
-
-
-
84
B8
D9 117
PD3
I/O
FT
-
TRACED1,
SPI2_SCK/I2S2_CK,
DFSDM1_DATIN0,
USART2_CTS,
QUADSPI_CLK,
FSMC_CLK, EVENTOUT
-
-
-
-
85
B7
C9 118
PD4
I/O
FT
-
DFSDM1_CKIN0,
USART2_RTS,
FSMC_NOE, EVENTOUT
-
-
-
-
86
A6
B9 119
PD5
I/O
FT
-
USART2_TX,
FSMC_NWE, EVENTOUT
-
--
--
-
E7 120
VSS
S
-
-
-
-
--
--
-
F7 121
VDD
S
-
-
-
-
-
-
-
87
B6
A8 122
PD6
I/O
FT
-
SPI3_MOSI/I2S3_SD,
DFSDM1_DATIN1,
USART2_RX,
FSMC_NWAIT,
EVENTOUT
-
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More