Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412VG Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce STM32F412VG
Description  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412VG Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button STM32F412VG Datasheet HTML 50Page - STMicroelectronics STM32F412VG Datasheet HTML 51Page - STMicroelectronics STM32F412VG Datasheet HTML 52Page - STMicroelectronics STM32F412VG Datasheet HTML 53Page - STMicroelectronics STM32F412VG Datasheet HTML 54Page - STMicroelectronics STM32F412VG Datasheet HTML 55Page - STMicroelectronics STM32F412VG Datasheet HTML 56Page - STMicroelectronics STM32F412VG Datasheet HTML 57Page - STMicroelectronics STM32F412VG Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 193 page
background image
Pinouts and pin description
STM32F412xE/G
54/193
DocID028087 Rev 4
--
-
44
M1
0
K8
66
PE13
I/O
FT
-
TIM1_CH3, SPI4_MISO,
SPI5_MISO,
FSMC_D10/FSMC_DA10,
EVENTOUT
-
-
-
-
45 M11 L8
67
PE14
I/O
FT
-
TIM1_CH4,
SPI4_MOSI/I2S4_SD,
SPI5_MOSI/I2S5_SD,
FSMC_D11/FSMC_DA11,
EVENTOUT
-
--
-
46
M1
2
M8
68
PE15
I/O
FT
-
TIM1_BKIN,
FSMC_D12/FSMC_DA12,
EVENTOUT
-
21 29 H4 47 L10 M9
69
PB10
I/O
FT
-
TIM2_CH3, I2C2_SCL,
SPI2_SCK/I2S2_CK,
I2S3_MCK, USART3_TX,
I2CFMP1_SCL, SDIO_D7,
EVENTOUT
-
--
--
K9
M1
0
70
PB11
I/O
FT
-
TIM2_CH4, I2C2_SDA,
I2S2_CKIN, USART3_RX,
EVENTOUT
-
22 30 H3 48 L11
H7
71
VCAP_1
S
-
-
-
-
23 31 H2 49 F12 H6
-
VSS
S
-
-
-
-
24 32 H1 50
G1
2
G7
72
VDD
S
-
-
-
-
25 33 G3 51 L12 M11 73
PB12
I/O
FT
-
TIM1_BKIN, I2C2_SMBA,
SPI2_NSS/I2S2_WS,
SPI4_NSS/I2S4_WS,
SPI3_SCK/I2S3_CK,
USART3_CK, CAN2_RX,
DFSDM1_DATIN1,
FSMC_D13/FSMC_DA13,
EVENTOUT
-
26 34 G2 52 K12
M1
2
74
PB13
I/O
FT
-
TIM1_CH1N,
I2CFMP1_SMBA,
SPI2_SCK/I2S2_CK,
SPI4_SCK/I2S4_CK,
USART3_CTS, CAN2_TX,
DFSDM1_CKIN1,
EVENTOUT
-
Table 9. STM32F412xE/G pin definition (continued)
Pin Number
Pin name
(function
after
reset)(1)
Pin
type
I/O
structure
Notes
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More