Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303XD Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STM32F303XD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STM32F303XD Datasheet HTML 40Page - STMicroelectronics STM32F303XD Datasheet HTML 41Page - STMicroelectronics STM32F303XD Datasheet HTML 42Page - STMicroelectronics STM32F303XD Datasheet HTML 43Page - STMicroelectronics STM32F303XD Datasheet HTML 44Page - STMicroelectronics STM32F303XD Datasheet HTML 45Page - STMicroelectronics STM32F303XD Datasheet HTML 46Page - STMicroelectronics STM32F303XD Datasheet HTML 47Page - STMicroelectronics STM32F303XD Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 173 page
background image
Pinout and pin description
STM32F303xD STM32F303xE
44/173
DocID026415 Rev 5
21
30
K4
H7
41
PA5
I/O
TTa (5)
TIM2_CH1/TIM2_ETR,
TSC_G2_IO2, SPI1_SCK,
EVENTOUT
ADC2_IN2(3),
DAC1_OUT2,
COMP1_INM,
COMP2_INM,
COMP3_INM,
COMP4_INM,
COMP5_INM,
COMP6_INM,
COMP7_INM,
OPAMP1_VINP,
OPAMP2_VINM,
OPAMP3_VINP
22
31
L4
H6
42
PA6
I/O
TTa (5)
TIM16_CH1, TIM3_CH1,
TSC_G2_IO3,
TIM8_BKIN, SPI1_MISO,
TIM1_BKIN,
COMP1_OUT,
EVENTOUT
ADC2_IN3(3),
OPAMP2_VOUT
23
32
M4
K7
43
PA7
I/O
TTa -
TIM17_CH1, TIM3_CH2,
TSC_G2_IO4,
TIM8_CH1N, SPI1_MOSI,
TIM1_CH1N, EVENTOUT
ADC2_IN4(3),
COMP2_INP,
OPAMP1_VINP,
OPAMP2_VINP
24
33
K5
G6
44
PC4
I/O
TTa -
EVENTOUT, TIM1_ETR,
USART1_TX
ADC2_IN5(3)
25
34
L5
F6
45
PC5
I/O
TTa -
EVENTOUT, TIM15_BKIN,
TSC_G3_IO1,
USART1_RX
ADC2_IN11,
OPAMP1_VINM,
OPAMP2_VINM
26
35
M5
J6
46
PB0
I/O
TTa -
TIM3_CH3, TSC_G3_IO2,
TIM8_CH2N,
TIM1_CH2N, EVENTOUT
ADC3_IN12,
COMP4_INP,
OPAMP2_VINP,
OPAMP3_VINP
27
36
M6
K6
47
PB1
I/O
TTa (5)
TIM3_CH4, TSC_G3_IO3,
TIM8_CH3N,
TIM1_CH3N,
COMP4_OUT,
EVENTOUT
ADC3_IN1(3),
OPAMP3_VOUT
28
37
L6
K5
48
PB2
I/O
TTa -
TSC_G3_IO4,
EVENTOUT
ADC2_IN12,
COMP4_INM,
OPAMP3_VINM
Table 13. STM32F303xD/E pin definitions (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More