Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F303XD Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STM32F303XD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303XD Fiches technique(HTML) 2 Page - STMicroelectronics

  STM32F303XD Datasheet HTML 1Page - STMicroelectronics STM32F303XD Datasheet HTML 2Page - STMicroelectronics STM32F303XD Datasheet HTML 3Page - STMicroelectronics STM32F303XD Datasheet HTML 4Page - STMicroelectronics STM32F303XD Datasheet HTML 5Page - STMicroelectronics STM32F303XD Datasheet HTML 6Page - STMicroelectronics STM32F303XD Datasheet HTML 7Page - STMicroelectronics STM32F303XD Datasheet HTML 8Page - STMicroelectronics STM32F303XD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 173 page
background image
STM32F303xD STM32F303xE
2/173
DocID026415 Rev 5
– Three I2C Fast mode plus (1 Mbit/s) with
20 mA current sink, SMBus/PMBus,
wakeup from STOP
– Up to five USART/UARTs (ISO 7816
interface, LIN, IrDA, modem control)
– Up to four SPIs, 4 to 16 programmable bit
frames, two with multiplexed half/full duplex
I2S interface
– USB 2.0 full-speed interface with LPM
support
– Infrared transmitter
• SWD, Cortex®-M4 with FPU ETM, JTAG
• 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM32F303xD
STM32F303RD, STM32F303VD, STM32F303ZD.
STM32F303xE
STM32F303RE, STM32F303VE, STM32F303ZE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More