| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8AL3L8x Fiches technique(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3L8x Fiches technique(HTML) 26 Page - STMicroelectronics |
|
26 / 131 page ![]() Pin description STM8AL318x STM8AL3L8x 26/131 DocID027179 Rev 6 4 Pin description Figure 3. STM8AL318A 80-pin package pinout (without LCD) 1. Pin 22 is reserved and must be tied to VDD. 2. The above figure shows the package top view. Figure 4. STM8AL3L8A 80-pin package pinout (with LCD) 1. The above figure shows the package top view. |