Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AL3L8x Fiches technique(PDF) 69 Page - STMicroelectronics

No de pièce STM8AL3L8x
Description  Automotive 8-bit ultra-low-power MCU, 64 Kbyte Flash, RTC, LCD, data EEPROM, timers, USARTs, I2C, SPIs, ADC, DAC, COMPs
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3L8x Fiches technique(HTML) 69 Page - STMicroelectronics

Back Button STM8AL3L8x Datasheet HTML 65Page - STMicroelectronics STM8AL3L8x Datasheet HTML 66Page - STMicroelectronics STM8AL3L8x Datasheet HTML 67Page - STMicroelectronics STM8AL3L8x Datasheet HTML 68Page - STMicroelectronics STM8AL3L8x Datasheet HTML 69Page - STMicroelectronics STM8AL3L8x Datasheet HTML 70Page - STMicroelectronics STM8AL3L8x Datasheet HTML 71Page - STMicroelectronics STM8AL3L8x Datasheet HTML 72Page - STMicroelectronics STM8AL3L8x Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 131 page
background image
DocID027179 Rev 6
69/131
STM8AL318x STM8AL3L8x
Electrical parameters
117
9.3.2
Embedded reset and power control block characteristics
Table 20. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tVDD
VDD rise time rate
BOR detector
enabled
0(1)
-
∞(1)
µs/V
VDD fall time rate
BOR detector
enabled
20(1)
-
∞(1)
µs/V
tTEMP
Reset release delay
VDD rising
BOR detector
enabled
-3
-
ms
VPDR
Power-down reset threshold
Falling edge
1.3
1.5
1.65(2)
V
VBOR0
Brown-out reset threshold 0
(BOR_TH[2:0]=000)
Falling edge
1.67
1.7
1.74(2)
Rising edge
1.69(2)
1.75
1.80
VBOR1
Brown-out reset threshold 1
(BOR_TH[2:0]=001)
Falling edge
1.87
1.93
1.97(2)
Rising edge
1.96(2)
2.04
2.07
VBOR2
Brown-out reset threshold 2
(BOR_TH[2:0]=010)
Falling edge
2.22
2.3
2.35(2)
Rising edge
2.31(2)
2.41
2.44
VBOR3
Brown-out reset threshold 3
(BOR_TH[2:0]=011)
Falling edge
2.45
2.55
2.60(2)
Rising edge
2.54(2)
2.66
2.7
VBOR4
Brown-out reset threshold 4
(BOR_TH[2:0]=100)
Falling edge
2.68
2.80
2.85(2)
Rising edge
2.78(2)
2.90
2.95
VPVD0
PVD threshold 0
Falling edge
1.80
1.84
1.88(2)
V
Rising edge
1.88(2)
1.94
1.99
VPVD1
PVD threshold 1
Falling edge
1.98
2.04
2.09(2)
Rising edge
2.08(2)
2.14
2.18
VPVD2
PVD threshold 2
Falling edge
2.2
2.24
2.28(2)
Rising edge
2.28(2)
2.34
2.38
VPVD3
PVD threshold 3
Falling edge
2.39
2.44
2.48(2)
Rising edge
2.47(2)
2.54
2.58
VPVD4
PVD threshold 4
Falling edge
2.57
2.64
2.69(2)
Rising edge
2.68(2)
2.74
2.79
VPVD5
PVD threshold 5
Falling edge
2.77
2.83
2.88(2)
Rising edge
2.87(2)
2.94
2.99
VPVD6
PVD threshold 6
Falling edge
2.97
3.05
3.09(2)
Rising edge
3.08(2)
3.15
3.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More