| Moteur de recherche de fiches techniques de composants électroniques |
|
CCU3000 Fiches technique(PDF) 51 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
CCU3000 Fiches technique(HTML) 51 Page - Micronas |
|
51 / 77 page ![]() CCU 3000, CCU 3000-I CCU 3001, CCU 3001-I MICRONAS INTERMETALL 51 0233H Timer 2 Accu High Byte (Accu D) Bit Reset Read Write 7 x x accu bit 15 (MSB) 6 x x accu bit 14 5 x x accu bit 13 4 x x accu bit 12 3 x x accu bit 11 2 x x accu bit 10 1 x x accu bit 9 0 x x accu bit 8 0234H Timer 2 Adder Low Byte Bit Reset Read Write 7 x adder bit 7 adder bit 7 6 x adder bit 6 adder bit 6 5 x adder bit 5 adder bit 5 4 x adder bit 4 adder bit 4 3 x adder bit 3 adder bit 3 2 x adder bit 2 adder bit 2 1 x adder bit 1 adder bit 1 0 x adder bit 0 (LSB) adder bit 0 (LSB) 0235H Timer 2 Adder High Byte Bit Reset Read Write 7 x adder bit 15 (MSB) adder bit 15 (MSB) 6 x adder bit 14 adder bit 14 5 x adder bit 13 adder bit 13 4 x adder bit 12 adder bit 12 3 x adder bit 11 adder bit 11 2 x adder bit 10 adder bit 10 1 x adder bit 9 adder bit 9 0 x adder bit 8 adder bit 8 |