| Moteur de recherche de fiches techniques de composants électroniques |
|
CCU3000 Fiches technique(PDF) 39 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
CCU3000 Fiches technique(HTML) 39 Page - Micronas |
|
39 / 77 page ![]() CCU 3000, CCU 3000-I CCU 3001, CCU 3001-I MICRONAS INTERMETALL 39 0203H Port 1 Data Register Bit Reset Read Write 7 to 0 0 Port 1 Data Port 1 Data 0204H Port 1 Direction Register Bit Reset Read Write 7 to 0 1 x ‘1’ = input, ‘0’ = output mode 0205H Port 2 Data Register Bit Reset Read Write 7 to 0 0 Port 2 Data Port 2 Data 0206H Port 2 Direction Register Bit Reset Read Write 7 to 0 1 x ‘1’ = input, ‘0’ = output mode 0207H Port 3 Data Register Bit Reset Read Write 7 to 0 0 Port 3 Data Port 3 Data 0208H Port 3 Direction Register Bit Reset Read Write 7 to 0 1 x ‘1’ = input, ‘0’ = output mode 0209H Port 4 Data Register Bit Reset Read Write 7 to 1 x x x 0 0 Port 4 Data (bit 0 only) Port 4 data (bit 0, only) 020AH Port 5 Mode Bit Reset Read Write 7 to 6 x x x 5 to 0 x Port 4 Data (bit 0 only) ‘1’ = port select mode, ‘0’ = port mode |