Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AIC1638 Fiches technique(PDF) 2 Page - Analog Intergrations Corporation

No de pièce AIC1638
Description  3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1638 Fiches technique(HTML) 2 Page - Analog Intergrations Corporation

  AIC1638 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AIC1638
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
SPEC NO: DS-1638-00 03/01/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F,9IndustryE.9th Road,Science-basedIndustrial Park , Hsinchu,Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
2



 ORDERING INFORMATION
ORDER NUMBER
AIC1638-27CX
AIC1638-30CX
AIC1638-33CX
AIC1638-50CX
(SOT-89)
AIC1638-27CZ
AIC1638-30CZ
AIC1638-33CZ
AIC1638-50CZ
(TO-92)
PIN CONFIGURATION
TOP VIEW
1: GND
2: VOUT
3: SW
1
2
3
12
3
TOP VIEW
1: GND
2: VOUT
3: SW
AIC1638- XXX
PACKAGE TYPE
X: SOT-89
Z: TO-92
TEMPERATURE RANGE
C: -20
°C+80°C
OUTPUT VOLTAGE
27: 2.7V
30: 3.0V
33: 3.3V
50: 5.0V
ABSOLUATE MAXIMUM RATINGS
Supply Voltage
………………………………………………………………………….12V
SW pin Voltage ………………………………………….…………………………………….12V
SW pin Switch Current
……………………………………………………………………0.6A
Power Dissipation
……………………………………………………..……………….500mW
Operating Temperature Range ………………………………..…………….….-20
°C to 80 °C
Storage Temperature Range ………………………………………………… -65
°C to 150 °C
Lead Temperature (Sordering 10 Sec.) …………………………………………………260
°C
TEST CIRCUIT
FOUT
AIC1638
2.5V
VOUT
SW
GND
100
Oscillator Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15