Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AIC1638 Fiches technique(PDF) 13 Page - Analog Intergrations Corporation

No de pièce AIC1638
Description  3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1638 Fiches technique(HTML) 13 Page - Analog Intergrations Corporation

Back Button AIC1638 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 11Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 12Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 13Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 14Page - Analog Intergrations Corporation AIC1638 Datasheet HTML 15Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AIC1638
3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
SPEC NO: DS-1638-00 03/01/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F,9IndustryE.9th Road,Science-basedIndustrial Park , Hsinchu,Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
13
At
the
boundary
between
continuous
and
discontinuous mode, output current (IOB) is
determined by
()
x
1
T
L
V
2
1
V
V
V
I
ON
IN
D
OUT
IN
OB
+
=
where V
D is the diode drop,
x = (R
ON+Rs)Ton/L.
R
ON= Switch turn on resistance, Rs= Inductor DC
resistance
T
ON = Switch ON time
In the discontinuous mode, the switching frequency
(fsw) is

x
(1
2
T
2
V
)
)(I
V
V
2(L)(V
fsw
ON
IN
OUT
IN
D
OUT
+
×
+
=
In the continuous mode, the switching frequency is
()
)]
V
V
V
V
V
(
2
x
[1
)
V
V
(V
V
V
V
T
1
fsw
SW
D
OUT
SW
IN
SW
D
OUT
IN
D
OUT
ON
+
+
+
+
=
+
+
SW
D
OUT
IN
D
OUT
ON
V
V
V
V
V
V
T
1
where Vsw = switch drop and proportion to output
current.
INDUCTOR SELECTION
To operate as an efficient energy transfer element,
the inductor must fulfill three requirements. First, the
inductance must be low enough for the inductor to
store adequate energy under the worst case
condition of minimum input voltage and switch ON
time. Second, the inductance must also be high
enough so maximum current rating of AIC1638 and
inductor are not exceed at the other worst case
condition of maximum input voltage and ON time.
Lastly, the inductor must have sufficiently low DC
resistance so excessive power is not lost as heat in
the windings. But unfortunately this is inversely
related to physical size.
Minimum and Maximum input voltage, output voltage
and output current must be established before and
inductor can be selected.
In discontinuous mode operation, at the end of the
switch ON time, peak current and energy in the
inductor build according to
+
+
=
Ton)
L
Rs
Ron
exp(
1
Rs
Ron
Vin
IPK
()
 −
2
x
1
T
L
V
ON
IN
ON
IN
T
L
V
(Simple losses equation),
where x=(RON+RS)TON/L
2
Ipk
L
2
1
EL
×
=
Power required from the inductor per cycle must be
equal or greater than
)
f
1
)(
)(I
VI
V
(V
/f
P
SW
OUT
N
D
OUT
SW
L
+
=
in order for the converter to regulate the output.
When loading is over IOB, PFM controller operates
in continuous mode. Inductor peak current can be
derived from
 −
+
+
=
2
x
1
T
2L
V
V
I
2
x
V
V
V
V
V
I
ON
SW
IN
OUT
SW
IN
SW
D
OUT
PK
Valley current (Iv) is
 −
×
+
=
2
x
1
T
2L
V
V
I
2
x
V
V
V
V
V
Iv
ON
SW
IN
OUT
SW
IN
SW
D
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com