Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1900 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce UM1900
Description  Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1900 Fiches technique(HTML) 5 Page - STMicroelectronics

  UM1900 Datasheet HTML 1Page - STMicroelectronics UM1900 Datasheet HTML 2Page - STMicroelectronics UM1900 Datasheet HTML 3Page - STMicroelectronics UM1900 Datasheet HTML 4Page - STMicroelectronics UM1900 Datasheet HTML 5Page - STMicroelectronics UM1900 Datasheet HTML 6Page - STMicroelectronics UM1900 Datasheet HTML 7Page - STMicroelectronics UM1900 Datasheet HTML 8Page - STMicroelectronics UM1900 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
UM1900
Getting started
DocID027905 Rev 3
5/19
1
Getting started
This section describes the hardware requirements for the X-NUCLEO-CCA02M1
evaluation board.
1.1
Hardware requirements
The X-NUCLEO-CCA02M1 is an expansion board for use with STM32 Nucleo boards
(refer to UM1724 on www.st.com for further information).
The STM32 Nucleo board must be connected to the X-NUCLEO-CCA02M1 board, as
shown in Figure 2: "X-NUCLEO-CCA02M1 on STM32 Nucleo board".
Figure 2: X-NUCLEO-CCA02M1 on STM32 Nucleo board
The connection between the STM32 Nucleo and the X-NUCLEO-CCA02M1 is designed for
use with any STM32 Nucleo board. When mounting the X-NUCLEO-CCA02M1 on the
STM32 Nucleo, ensure that all the pins are aligned with their corresponding connector. It is
very important to handle both boards carefully during this operation to avoid damaging or
bending the male/female pins and connectors.
ESD prevention measures must also be implemented to avoid damaging any X-NUCLEO-
CCA02M1 board components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19