| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1900 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1900 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 19 page ![]() UM1900 Hardware description DocID027905 Rev 3 13/19 microphones to give the right clock. I²S and SPI read values from both the edges of the merged PDM lines. For this use case you need the following SB configuration: Table 6: Solder bridge configuration for 4 microphone acquisition SB Status SB7 Close SB8 Close SB9 Open SB10 Close SB11 Close SB12 Open SB13 Close SB14 Open SB15 Close SB16 Open SB17 Open SB18 Open SB19 Open SB20 Open SB21 Open In addition, J2 and J3 must be placed in position 2-3 for external microphone acquisition. Other configurations are available, based on the MCU used. |