Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F334 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STM32F334
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STM32F334 Datasheet HTML 33Page - STMicroelectronics STM32F334 Datasheet HTML 34Page - STMicroelectronics STM32F334 Datasheet HTML 35Page - STMicroelectronics STM32F334 Datasheet HTML 36Page - STMicroelectronics STM32F334 Datasheet HTML 37Page - STMicroelectronics STM32F334 Datasheet HTML 38Page - STMicroelectronics STM32F334 Datasheet HTML 39Page - STMicroelectronics STM32F334 Datasheet HTML 40Page - STMicroelectronics STM32F334 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 115 page
background image
DocID025409 Rev 5
37/115
STM32F334x4 STM32F334x6 STM32F334x8
Pinout and pin descriptions
43
23
34
46
PA13
I/O
FT
JTMS/SWDAT,
TIM16_CH1N,
TSC_G4_IO3, IR_OUT,
USART3_CTS,
EVENTOUT
-
-35
47
VSS
S
-
-
-
-36
48
VDD
S
-
-
-
24
37
49
PA14
I/O
FTf
JTCK/SWCLK,
TSC_G4_IO4,
I2C1_SDA, TIM1_BKIN,
USART2_TX,
EVENTOUT
-
25
38
50
PA15
I/O
FTf
JTDI,
TIM2_CH1/TIM2_ETR,
TSC_SYNC, I2C1_SCL,
SPI1_NSS,
USART2_RX,
TIM1_BKIN,
HRTIM1_FLT2,
EVENTOUT
-
-
-
51
PC10
I/O
FT
EVENTOUT,
USART3_TX
-
-
-
52
PC11
I/O
FT
EVENTOUT,
HRTIM1_EEV2,
USART3_RX
-
-
-
53
PC12
I/O
FT
EVENTOUT,
HRTIM1_EEV1,
USART3_CK
-
-
-
54
PD2
I/O
FT
EVENTOUT, TIM3_ETR
-
26
39
55
PB3
I/O
FT
JTDO/TRACE
SWO, TIM2_CH2,
TSC_G5_IO1,
SPI1_SCK,
USART2_TX,
TIM3_ETR,
HRTIM1_SCOUT,
HRTIM1_EEV9,
EVENTOUT
-
27
40
56
PB4
I/O
FT
NJTRST, TIM16_CH1,
TIM3_CH1,
TSC_G5_IO2,
SPI1_MISO,
USART2_RX,
TIM17_BKIN,
HRTIM1_EEV7,
EVENTOUT
-
Table 13. STM32F334x4/6/8 pin definitions (continued)
Pin Number
Pin name (function
after reset)
Pin functions
LQFP
32
LQFP
48
LQFP
64
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More