Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F334 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce STM32F334
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button STM32F334 Datasheet HTML 25Page - STMicroelectronics STM32F334 Datasheet HTML 26Page - STMicroelectronics STM32F334 Datasheet HTML 27Page - STMicroelectronics STM32F334 Datasheet HTML 28Page - STMicroelectronics STM32F334 Datasheet HTML 29Page - STMicroelectronics STM32F334 Datasheet HTML 30Page - STMicroelectronics STM32F334 Datasheet HTML 31Page - STMicroelectronics STM32F334 Datasheet HTML 32Page - STMicroelectronics STM32F334 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 115 page
background image
DocID025409 Rev 5
29/115
STM32F334x4 STM32F334x6 STM32F334x8
Functional overview
43
charging the electrode capacitance and then transferring a part of the accumulated charges
into a sampling capacitor until the voltage across this capacitor has reached a specific
threshold. To limit the CPU bandwidth usage this acquisition is directly managed by the
hardware touch sensing controller and only requires few external components to operate.
The touch sensing controller is fully supported by the STMTouch touch sensing firmware
library which is free to use and allows touch sensing functionality to be implemented reliably
in the end application.
Table 10. Capacitive sensing GPIOs available on STM32F334x4/6/8 devices
Group
Capacitive sensing
group name
Pin name
Group
Capacitive sensing
group name
Pin name
1
TSC_G1_IO1
PA0
4
TSC_G4_IO1
PA9
TSC_G1_IO2
PA1
TSC_G4_IO2
PA10
TSC_G1_IO3
PA2
TSC_G4_IO3
PA13
TSC_G1_IO4
PA3
TSC_G4_IO4
PA14
2
TSC_G2_IO1
PA4
5
TSC_G5_IO1
PB3
TSC_G2_IO2
PA5
TSC_G5_IO2
PB4
TSC_G2_IO3
PA6
TSC_G5_IO3
PB6
TSC_G2_IO4
PA7
TSC_G5_IO4
PB7
3
TSC_G3_IO1
PC5
6
TSC_G6_IO1
PB11
TSC_G3_IO2
PB0
TSC_G6_IO2
PB12
TSC_G3_IO3
PB1
TSC_G6_IO3
PB13
TSC_G3_IO1
PC5
TSC_G6_IO4
PB14
--
-
-
-
Table 11. No. of capacitive sensing channels available on STM32F334x4/6/8 devices
Analog I/O group
Number of capacitive sensing channels
STM32F334xRx
STM32F334xCx
STM32F334xKx
G1
3
3
3
G2
3
3
3
G3
3
2
2
G4
3
3
3
G5
3
3
3
G6
3
3
0
Number of capacitive
sensing channels
18
17
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More