Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F334X4 Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STM32F334X4
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334X4 Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STM32F334X4 Datasheet HTML 36Page - STMicroelectronics STM32F334X4 Datasheet HTML 37Page - STMicroelectronics STM32F334X4 Datasheet HTML 38Page - STMicroelectronics STM32F334X4 Datasheet HTML 39Page - STMicroelectronics STM32F334X4 Datasheet HTML 40Page - STMicroelectronics STM32F334X4 Datasheet HTML 41Page - STMicroelectronics STM32F334X4 Datasheet HTML 42Page - STMicroelectronics STM32F334X4 Datasheet HTML 43Page - STMicroelectronics STM32F334X4 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 115 page
background image
Port B
PB10
-
TIM2_CH3
-
TSC_SYNC
-
-
-
USART3_TX
-
-
-
-
-
HRTIM1_FLT3
-
EVENTOUT
PB11
-
TIM2_CH4
-
TSC_G6_IO1
-
-
-
USART3_RX
-
-
-
-
-
HRTIM1_FLT4
-
EVENTOUT
PB12
-
-
-
TSC_G6_IO2
-
-
TIM1_BKIN
USART3_CK
-
-
-
-
-
HRTIM1_CHC1
-
EVENTOUT
PB13
-
-
-
TSC_G6_IO3
-
-
TIM1_CH1N
USART3_CTS
-
-
-
-
-
HRTIM1_CHC2
-
EVENTOUT
PB14
-
TIM15_CH1
-
TSC_G6_IO4
-
-
TIM1_CH2N
USART3_RTS
_DE
-
-
-
-
-
HRTIM1_CHD1
-
EVENTOUT
PB15
-
TIM15_CH2
TIM15_CH1
N
-
TIM1_CH3N
-
-
-
-
-
-
-
-
HRTIM1_CHD2
-
EVENTOUT
Port C
PC0
-
EVENTOUT
TIM1_CH1
-
-
-
-
-
-
-
-
-
-
-
-
-
--
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
PC2
-
EVENTOUT
TIM1_CH3
-
-
-
-
-
-
-
-
-
-
-
-
-
PC3
-
EVENTOUT
TIM1_CH4
-
-
-
TIM1_BKIN2
-
-
-
-
-
-
-
-
-
PC4
-
EVENTOUT
TIM1_ETR
-
-
-
-
USART1_TX
-
-
-
-
-
-
-
-
PC5
-
EVENTOUT
TIM15_BKIN
TSC_G3_IO1
-
-
-
USART1_RX
-
-
-
-
-
-
-
-
PC6
-
EVENTOUT
TIM3_CH1
HRTIM1_EEV1
0
-
-
-
COMP6_OUT
-
-
-
-
-
-
-
-
PC7
-
EVENTOUT
TIM3_CH2
HRTIM1_FLT5
-
-
-
-
-
-
-
-
-
-
-
-
PC8
-
EVENTOUT
TIM3_CH3
HRTIM1_CHE1
-
-
-
-
-
-
-
-
-
-
-
-
PC9
-
EVENTOUT
TIM3_CH4
HRTIM1_CHE2
-
-
-
-
-
-
-
-
-
-
-
-
PC10
-
EVENTOUT
-
-
-
-
-
USART3_TX
-
-
-
-
-
-
-
-
PC11
-
EVENTOUT
-
HRTIM1_EEV2
-
-
-
USART3_RX
-
-
-
-
-
-
-
-
PC12
-
EVENTOUT
-
HRTIM1_EEV1
-
-
-
USART3_CK
-
-
-
-
-
-
-
-
PC13
-
-
-
-
TIM1_CH1N
-
-
-
-
-
-
-
-
-
-
-
PC14
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
PC15
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Port D
PD2
-
EVENTOUT
TIM3_ETR
-
-
-
-
-
-
-
-
-
-
-
-
-
Port F
PF0
-
-
-
-
-
-
TIM1_CH3N
-
-
-
-
-
-
-
-
-
PF1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Table 14. Alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS_AF
TIM2/TIM15/
TIM16/TIM17/
EVENT
TIM1/TIM3/
TIM15/
TIM16
HRTIM1/TSC
I2C1/TIM1
SPI1/Infrared
TIM1/Infrared
USART1/USA
RT2/USART3/
GPCOMP6
GPCOMP2/
GPCOMP4/
GPCOMP6
CAN/TIM1/
TIM15
TIM2/TIM3
/TIM17
TIM1
HRTIM1/
TIM1
HRTIM1/
OPAMP2
-EVENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More