Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F334X4 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STM32F334X4
Description  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334X4 Fiches technique(HTML) 2 Page - STMicroelectronics

  STM32F334X4 Datasheet HTML 1Page - STMicroelectronics STM32F334X4 Datasheet HTML 2Page - STMicroelectronics STM32F334X4 Datasheet HTML 3Page - STMicroelectronics STM32F334X4 Datasheet HTML 4Page - STMicroelectronics STM32F334X4 Datasheet HTML 5Page - STMicroelectronics STM32F334X4 Datasheet HTML 6Page - STMicroelectronics STM32F334X4 Datasheet HTML 7Page - STMicroelectronics STM32F334X4 Datasheet HTML 8Page - STMicroelectronics STM32F334X4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 115 page
background image
STM32F334x4 STM32F334x6 STM32F334x8
2/115
DocID025409 Rev 5
– Up to 3 USARTs, one with ISO/IEC 7816
interface, LIN, IrDA, modem control
• Debug mode: serial wire debug (SWD), JTAG
• 96-bit unique ID
• All packages ECOPACK®2
Table 1. Device summary
Reference
Part number
STM32F334Kx
STM32F334K4/K6/K8
STM32F334Cx
STM32F334C4/C6/C8
STM32F334Rx
STM32F334R4/R6/R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More