Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L083VB Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce STM32L083VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs, AES
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L083VB Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button STM32L083VB Datasheet HTML 44Page - STMicroelectronics STM32L083VB Datasheet HTML 45Page - STMicroelectronics STM32L083VB Datasheet HTML 46Page - STMicroelectronics STM32L083VB Datasheet HTML 47Page - STMicroelectronics STM32L083VB Datasheet HTML 48Page - STMicroelectronics STM32L083VB Datasheet HTML 49Page - STMicroelectronics STM32L083VB Datasheet HTML 50Page - STMicroelectronics STM32L083VB Datasheet HTML 51Page - STMicroelectronics STM32L083VB Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 139 page
background image
Pin descriptions
STM32L083xx
48/139
DocID027070 Rev 3
-
-
-
85
B7
PD4
I/O
FT
-
USART2_RTS_DE,
SPI2_MOSI/I2S2_SD
-
-
-
-
86
A6
PD5
I/O
FT
-
USART2_TX
-
-
-
-
87
B6
PD6
I/O
FT
-
USART2_RX
-
-
-
-
88
A5
PD7
I/O
FT
- USART2_CK, TIM21_CH2
-
39
55
A5
89
A8
PB3
I/O
FT
-
SPI1_SCK, LCD_SEG7,
TIM2_CH2, TSC_G5_IO1,
EVENTOUT,
USART1_RTS_DE,
USART5_TX
COMP2_INM
40
56
A4
90
A7
PB4
I/O
FTf
-
SPI1_MISO, LCD_SEG8,
TIM3_CH1, TSC_G5_IO2,
TIM22_CH1,
USART1_CTS,
USART5_RX, I2C3_SDA
COMP2_INP
41
57
C4
91
C5
PB5
I/O
FT
-
SPI1_MOSI, LCD_SEG9,
LPTIM1_IN1, I2C1_SMBA,
TIM3_CH2/TIM22_CH2,
USART1_CK,
USART5_CK/USART5_
RTS
COMP2_INP
42
58
D3
92
B5
PB6
I/O
FTf
-
USART1_TX, I2C1_SCL,
LPTIM1_ETR,
TSC_G5_IO3
COMP2_INP
43
59
C3
93
B4
PB7
I/O
FTf
-
USART1_RX, I2C1_SDA,
LPTIM1_IN2,
TSC_G5_IO4,
USART4_CTS
COMP2_INP, PVD_IN
44
60
B4
94
A4
BOOT0
I
-
-
-
45
61
B3
95
A3
PB8
I/O
FTf
-
LCD_SEG16, TSC_SYNC,
I2C1_SCL
-
46
62
A3
96
B3
PB9
I/O
FTf
-
LCD_COM3, EVENTOUT,
I2C1_SDA,
SPI2_NSS/I2S2_WS
-
-
-
-
97
C3
PE0
I/O
FT
- LCD_SEG36, EVENTOUT
-
-
-
-
98
A2
PE1
I/O
FT
- LCD_SEG37, EVENTOUT
-
Table 16. STM32L083xx pin definition (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More