Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L083VB Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce STM32L083VB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs, AES
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L083VB Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button STM32L083VB Datasheet HTML 50Page - STMicroelectronics STM32L083VB Datasheet HTML 51Page - STMicroelectronics STM32L083VB Datasheet HTML 52Page - STMicroelectronics STM32L083VB Datasheet HTML 53Page - STMicroelectronics STM32L083VB Datasheet HTML 54Page - STMicroelectronics STM32L083VB Datasheet HTML 55Page - STMicroelectronics STM32L083VB Datasheet HTML 56Page - STMicroelectronics STM32L083VB Datasheet HTML 57Page - STMicroelectronics STM32L083VB Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 139 page
background image
Table 21. Alternate functions port E
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SPI1/SPI2/I2S2/
USART1/2/
LPUART1/USB/
LPTIM1/TSC/
TIM2/21/22/
EVENTOUT/
SYS_AF
SPI1/SPI2/I2S2/I2C1
/LCD/TIM2/21
SPI1/SPI2/I2S2/
LPUART1/
USART5/USB/
LPTIM1/TIM2/3
/EVENTOUT/
SYS_AF
I2C1/TSC/
EVENTOUT
I2C1/USART1/2/
LPUART1/
TIM3/22/
EVENTOUT
SPI2/I2S2
/I2C2/
USART1/
TIM2/21/22
I2C1/2/
LPUART1/
USART4/
UASRT5/TIM21/
EVENTOUT
I2C3/LPUART1/
COMP1/2/TIM3
PE0
-
LCD_SEG36
EVENTOUT
-
-
-
-
-
PE1
-
LCD_SEG37
EVENTOUT
-
-
-
-
-
PE2
-
LCD_SEG38
TIM3_ETR
-
-
-
-
-
PE3
TIM22_CH1
LCD_SEG39
TIM3_CH1
-
-
-
-
-
PE4
TIM22_CH2
-
TIM3_CH2
-
-
-
-
-
PE5
TIM21_CH1
-
TIM3_CH3
-
-
-
-
-
PE6
TIM21_CH2
-
TIM3_CH4
-
-
-
-
-
PE7
-
LCD_SEG45
-
-
-
-
USART5_CK/U
SART5_RTS_D
E
-
PE8
-
LCD_SEG46
-
-
-
-
USART4_TX
-
PE9
TIM2_CH1
LCD_SEG47
TIM2_ETR
-
-
-
USART4_RX
-
PE10
TIM2_CH2
LCD_SEG40
-
-
-
-
USART5_TX
-
PE11
TIM2_CH3
-
-
-
-
-
USART5_RX
-
PE12
TIM2_CH4
-
SPI1_NSS
-
-
-
-
-
PE13
-
LCD_SEG41
SPI1_SCK
-
-
-
-
-
PE14
-
LCD_SEG42
SPI1_MISO
-
-
-
-
-
PE15
-
LCD_SEG43
SPI1_MOSI
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More