| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L052T6 Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L052T6 Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 136 page ![]() DocID025936 Rev 6 45/136 STM32L052x6 STM32L052x8 50 -- - - 40 D8 PC9 I/O FT - TIM21_ETR, USB_OE, TSC_G8_IO4 - 18 18 E1 29 41 D7 PA8 I/O FT - MCO, USB_CRS_SYNC, EVENTOUT, USART1_CK - 19 19 D1 30 42 C7 PA9 I/O FT - MCO, TSC_G4_IO1, USART1_TX - 20 20 C1 31 43 C6 PA10 I/O FT - TSC_G4_IO2, USART1_RX - 21 21 C2 32 44 C8 PA11(3) I/O FT - SPI1_MISO, EVENTOUT, TSC_G4_IO3, USART1_CTS, COMP1_OUT USB_DM 22 22 B1 33 45 B8 PA12(3) I/O FT - SPI1_MOSI, EVENTOUT, TSC_G4_IO4, USART1_RTS_DE, COMP2_OUT USB_DP 23 23 A1 34 46 A8 PA13 I/O FT - SWDIO, USB_OE - - - - 35 47 D5 VSS S - - - - - - - 36 48 E6 VDD_USB S - - - - 24 24 B2 37 49 A7 PA14 I/O FT - SWCLK, USART2_TX - 25 25 A2 38 50 A6 PA15 I/O FT - SPI1_NSS, TIM2_ETR, EVENTOUT, USART2_RX, TIM2_CH1 - - - - - 51 B7 PC10 I/O FT - LPUART1_TX - - - - - 52 B6 PC11 I/O FT - LPUART1_RX - - - - - 53 C5 PC12 I/O FT - - - Table 16. STM32L052x6/8 pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |