Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L052T6 Fiches technique(PDF) 44 Page - STMicroelectronics

No de pièce STM32L052T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052T6 Fiches technique(HTML) 44 Page - STMicroelectronics

Back Button STM32L052T6 Datasheet HTML 40Page - STMicroelectronics STM32L052T6 Datasheet HTML 41Page - STMicroelectronics STM32L052T6 Datasheet HTML 42Page - STMicroelectronics STM32L052T6 Datasheet HTML 43Page - STMicroelectronics STM32L052T6 Datasheet HTML 44Page - STMicroelectronics STM32L052T6 Datasheet HTML 45Page - STMicroelectronics STM32L052T6 Datasheet HTML 46Page - STMicroelectronics STM32L052T6 Datasheet HTML 47Page - STMicroelectronics STM32L052T6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 136 page
background image
Pin descriptions
STM32L052x6 STM32L052x8
44/136
DocID025936 Rev 6
-
-
E2
21
29
G7
PB10
I/O
FT
-
TIM2_CH3,
TSC_SYNC,
LPUART1_TX,
SPI2_SCK,
I2C2_SCL
-
-
-
D2
22
30
H7
PB11
I/O
FT
-
EVENTOUT,
TIM2_CH4,
TSC_G6_IO1,
LPUART1_RX,
I2C2_SDA
-
16
-
-
23
31
D6
VSS
S
-
-
-
-
17
17
F1
24
32
E5
VDD
S
-
-
-
-
--
-
25
33
H8
PB12
I/O
FT
-
SPI2_NSS/I2S2_WS,
LPUART1_RTS_DE,
TSC_G6_IO2,
I2C2_SMBA,
EVENTOUT
-
--
-
26
34
G8
PB13
I/O
FTf
-
SPI2_SCK/I2S2_CK,
TSC_G6_IO3,
LPUART1_CTS,
I2C2_SCL,
TIM21_CH1
-
--
-
27
35
F8
PB14
I/O
FTf
-
SPI2_MISO/I
2S2_MCK,
RTC_OUT,
TSC_G6_IO4,
LPUART1_RTS_DE,
I2C2_SDA,
TIM21_CH2
-
--
-
28
36
F7
PB15
I/O
FT
-
SPI2_MOSI/I2S2_SD,
RTC_REFIN
-
-
-
-
-
37
F6
PC6
I/O
FT
-
TIM22_CH1,
TSC_G8_IO1
-
-
-
-
-
38
E7
PC7
I/O
FT
-
TIM22_CH2,
TSC_G8_IO2
-
-
-
-
-
39
E8
PC8
I/O
FT
-
TIM22_ETR,
TSC_G8_IO3
-
Table 16. STM32L052x6/8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More