| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L031C6 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C6 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 118 page ![]() DocID027063 Rev 4 41/118 STM32L031x4/6 Pin descriptions 45 - - - --- 27 PB14 I/O FT - SPI1_MISO, RTC_OUT, TIM21_CH2, LPUART1_RTS - - - - --- 28 PB15 I/O FT - SPI1_MOSI, RTC_REFIN - -C1 18 18 18 18 29 PA8 I/O FT - MCO, LPTIM1_IN1, EVENTOUT, USART2_CK, TIM2_CH1 - 17 B1 19 19 19 19 30 PA9 I/O FTf - MCO, I2C1_SCL, USART2_TX, TIM22_CH1 - 18 C2 20 20 20 20 31 PA10 I/O FTf - I2C1_SDA, USART2_RX, TIM22_CH2 - - - - - 21 21 32 PA11 I/O FT - SPI1_MISO, EVENTOUT, USART2_CTS, TIM21_CH2, COMP1_OUT - - - - - 22 22 33 PA12 I/O FT - SPI1_MOSI, EVENTOUT, USART2_RTS, COMP2_OUT - 19 A1 21 21 23 23 34 PA13 I/O FT - SWDIO, LPTIM1_ETR, LPUART1_RX - Table 15. Pin definitions (continued) Pin Number Pin name (function after reset) Pin type Note Alternate functions Additional functions |