| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L031C6 Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C6 Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 118 page ![]() Pin descriptions STM32L031x4/6 40/118 DocID027063 Rev 4 13 C3 13 13 13 13 17 PA7 I/O FT - SPI1_MOSI, LPTIM1_OUT, USART2_CTS, TIM22_CH2, EVENTOUT, COMP2_OUT ADC_IN7 - E2 14 14 14 14 18 PB0 I/O FT - EVENTOUT, SPI1_MISO, USART2_RTS, TIM2_CH3 ADC_IN8, VREF_OUT 14 D2 15 15 15 15 19 PB1 I/O FT - USART2_CK, SPI1_MOSI, LPUART1_RTS, TIM2_CH4 ADC_IN9, VREF_OUT - - - - - 16 20 PB2 I/O FT - LPTIM1_OUT - - - - --- 21 PB10 I/O FT - TIM2_CH3, LPUART1_TX - - - - --- 22 PB11 I/O FT - EVENTOUT, TIM2_CH4, LPUART1_RX - 15 - 16 16 16 - 23 VSS S - - - - 16 - 17 17 17 17 24 VDD S - - - - - - - --- 25 PB12 I/O FT - SPI1_NSS, EVENTOUT - - - - --- 26 PB13 I/O FT - SPI1_SCK, MCO, TIM21_CH1, LPUART1_CTS - Table 15. Pin definitions (continued) Pin Number Pin name (function after reset) Pin type Note Alternate functions Additional functions |