Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L031C4 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STM32L031C4
Description  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L031C4 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STM32L031C4 Datasheet HTML 41Page - STMicroelectronics STM32L031C4 Datasheet HTML 42Page - STMicroelectronics STM32L031C4 Datasheet HTML 43Page - STMicroelectronics STM32L031C4 Datasheet HTML 44Page - STMicroelectronics STM32L031C4 Datasheet HTML 45Page - STMicroelectronics STM32L031C4 Datasheet HTML 46Page - STMicroelectronics STM32L031C4 Datasheet HTML 47Page - STMicroelectronics STM32L031C4 Datasheet HTML 48Page - STMicroelectronics STM32L031C4 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 118 page
background image
Port B
PB0
EVENTOUT
SPI1_MISO
-
-
USART2_RTS
TIM2_CH3
-
-
PB1
USART2_CK
SPI1_MOSI
-
-
LPUART1_RTS
TIM2_CH4
-
-
PB2
-
-
LPTIM1_OUT
-
-
-
-
-
PB3
SPI1_SCK
-
TIM2_CH2
-
EVENTOUT
-
-
-
PB4
SPI1_MISO
-
EVENTOUT
-
TIM22_CH1
-
-
-
PB5
SPI1_MOSI
-
LPTIM1_IN1
I2C1_SMBA
TIM22_CH2
-
-
-
PB6
USART2_TX
I2C1_SCL
LPTIM1_ETR
-
-
TIM21_CH1
-
-
PB7
USART2_RX
I2C1_SDA
LPTIM1_IN2
-
-
-
-
-
PB8
-
-
-
-
I2C1_SCL
-
-
-
PB9
-
-
EVENTOUT
-
I2C1_SDA
-
-
-
PB10
-
-
TIM2_CH3
-
-
-
LPUART1_TX
-
PB11
EVENTOUT
-
TIM2_CH4
-
-
-
LPUART1_RX
-
PB12
SPI1_NSS
-
-
-
-
-
EVENTOUT
-
PB13
SPI1_SCK
-
MCO
-
-
TIM21_CH1
LPUART1_CTS
-
PB14
SPI1_MISO
-
RTC_OUT
-
-
TIM21_CH2
LPUART1_RTS
-
PB15
SPI1_MOSI
-
RTC_REFIN
-
-
-
-
-
Port C
PC0
LPTIM1_IN1
-
EVENTOUT
-
-
-
LPUART1_RX
-
Port H
PH0
-
--
--
-
-
-
PH1
-
--
--
-
-
-
Table 16. Alternate functions (continued)
Ports
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SPI1/USART2
/LPTIM/TIM21
/EVENTOUT/
SYS_AF
SPI1/I2C1/
LPTIM
LPTIM/TIM2/
EVENTOUT/
SYS_AF
I2C1/
EVENTOUT
I2C1/USART2/
LPUART1/
TIM22/
EVENTOUT
TIM2/21/22
LPUART1/
EVENTOUT
COMP1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More