| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L031C4 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L031C4 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 118 page ![]() Pin descriptions STM32L031x4/6 42/118 DocID027063 Rev 4 - - - --- 35 VSS S - - - - - D1 - --- 36 VDD S - - - - 20 A2 22 22 24 24 37 PA14 I/O FT - SWCLK, LPTIM1_OUT, I2C1_SMBA, USART2_TX, LPUART1_TX - - - 23 23 25 25 38 PA15 I/O FT - SPI1_NSS, TIM2_ETR, EVENTOUT, USART2_RX, TIM2_CH1 -- - B2 24 24 26 26 39 PB3 I/O FT - SPI1_SCK, TIM2_CH2, EVENTOUT COMP2_INN - - - 25 27 27 40 PB4 I/O FT - SPI1_MISO, EVENTOUT, TIM22_CH1 COMP2_INP - - - 26 28 28 41 PB5 I/O FT - SPI1_MOSI, LPTIM1_IN1, I2C1_SMBA, TIM22_CH2 COMP2_INP - A3 25 27 29 29 42 PB6 I/O FTf - USART2_TX, I2C1_SCL, LPTIM1_ETR, TIM21_CH1 COMP2_INP - A4 26 28 30 30 43 PB7 I/O FTf - USART2_RX, I2C1_SDA, LPTIM1_IN2 COMP2_INP, VREF_PVD_IN Table 15. Pin definitions (continued) Pin Number Pin name (function after reset) Pin type Note Alternate functions Additional functions |