| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DSL Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSL Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 113 page ![]() DocID028475 Rev 5 41/113 LSM6DSL Digital interfaces 113 6.4.2 SPI write Figure 12. SPI write protocol The SPI Write command is performed with 16 clock pulses. A multiple byte write command is performed by adding blocks of 8 clock pulses to the previous one. bit 0: WRITE bit. The value is 0. bit 1 -7: address AD(6:0). This is the address field of the indexed register. bit 8-15: data DI(7:0) (write mode). This is the data that is written inside the device (MSb first). bit 16-... : data DI(...-8). Further data in multiple byte writes. Figure 13. Multiple byte SPI write protocol (2-byte example) |