Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPI4040R3-2R2-R Fiches technique(PDF) 22 Page - Texas Instruments

No de pièce MPI4040R3-2R2-R
Description  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

MPI4040R3-2R2-R Fiches technique(HTML) 22 Page - Texas Instruments

Back Button MPI4040R3-2R2-R Datasheet HTML 18Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 19Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 20Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 21Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 22Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 23Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 24Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 25Page - Texas Instruments MPI4040R3-2R2-R Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
OUT
JA
A
J
OUT
V
1
1
R
T
T
I
˜
K
K
˜
T
22
LM53602, LM53603
SNVSAR0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table 6. Recommenced Inductors
MANUFACTURER
PART NUMBER
SATURATION
CURRENT
DC RESISTANCE
Würth
7440650022
6 A
15 mΩ
Coilcraft
DO3316T-222MLB
7.8 A
11 mΩ
Coiltronics
MPI4040R3-2R2-R
7.9 A
48 mΩ
Vishay
IHLP2525CZER2R2M01
14 A
18 mΩ
Vishay
IHLP2525BDER2R2M01
14 A
28 mΩ
Coilcraft
XAL6030-222ME
16 A
13 mΩ
9.2.1.2.5
VCC
The VCC pin is the output of the internal LDO, used to supply the control circuits of the LM53603. This output
requires a 3.3-µF to 4.7-µF, ceramic capacitor connected from VCC to GND for proper operation. An X7R device
with a rating of 10 V is highly recommended. In general this output should not be loaded with any external
circuitry. However, it can be used to supply a logic level to the FPWM input, or for the pullup resistor used with
the RESET output (see Figure 16). The nominal output of the LDO is 3.15 V.
9.2.1.2.6
BIAS
The BIAS pin is the input to the internal LDO. As mentioned in Input Supply Current, this input is connected to
VOUT to provide the lowest possible supply current at light loads. Because this input is connected directly to the
output, it should be protected from negative voltage transients. Such transients may occur when the output is
shorted at the end of a long PCB trace or cable. If this is likely, in a given application, then a small resistor
should be placed in series between the BIAS input and VOUT, as shown in Figure 15. The resistor should be
sized to limit the current out of the BIAS pin to <100 mA. Values in the range of 2 Ω to 5 Ω are usually sufficient.
Values greater than 5 Ω are not recommended. As a rough estimate, assume that the full negative transient
appears across RBIAS and design for a current of < 100 mA. In severe cases, a Schottky diode can be placed in
parallel with the output to limit the transient voltage and current.
9.2.1.2.7
CBOOT
The LM53603 requires a boot-strap capacitor between the CBOOT pin and the SW pin. This capacitor stores
energy that is used to supply the gate drivers for the power MOSFETs. A ceramic capacitor of 0.47 µF,
≥ 6.3 V is
required. A 10-V rated capacitor or higher is highly recommended.
9.2.1.2.8
Maximum Ambient Temperature
As with any power conversion device, the LM53603 dissipates internal power while operating. The effect of this
power dissipation is to raise the internal temperature of the converter, above ambient. The internal die
temperature (TJ) is a function of the ambient temperature, the power loss and the effective thermal resistance,
RθJA of the device and PCB combination. The maximum internal die temperature for the LM53603 is 150°C, thus
establishing a limit on the maximum device power dissipation and therefore load current at high ambient
temperatures. Equation 5 shows the relationships between the important parameters.
(5)
It is easy to see that larger ambient temperatures (TA) and larger values of RθJA reduce the maximum available
output current. As stated in Semiconductor and IC Package Thermal Metrics, the values given in the Thermal
Information table are not valid for design purposes and must not be used to estimate the thermal performance of
the application. The values reported in that table were measured under a specific set of conditions that are never
obtained in an actual application. The effective RθJA is a critical parameter and depends on many factors such as
power dissipation, air temperature, PCB area, copper heat sink area, number of thermal vias under the package,
air flow, and adjacent component placement. The LM53603 uses an advanced package with a heat spreading
pad (EP) on the bottom. This must be soldered directly to the PCB copper ground plane to provide an effective
heat sink, as well as a proper electrical connection. The resources in Ground and Thermal Plane Considerations
can be used as a guide to optimal thermal PCB design and estimating RθJA for a given application environment.
A typical example of RθJA versus copper board area is shown in Figure 17. The copper area in this graph is that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40