Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADSP2186 Fiches technique(PDF) 28 Page - Analog Devices

No de pièce ADSP2186
Description  DSP Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADSP2186 Fiches technique(HTML) 28 Page - Analog Devices

Back Button ADSP2186 Datasheet HTML 24Page - Analog Devices ADSP2186 Datasheet HTML 25Page - Analog Devices ADSP2186 Datasheet HTML 26Page - Analog Devices ADSP2186 Datasheet HTML 27Page - Analog Devices ADSP2186 Datasheet HTML 28Page - Analog Devices ADSP2186 Datasheet HTML 29Page - Analog Devices ADSP2186 Datasheet HTML 30Page - Analog Devices ADSP2186 Datasheet HTML 31Page - Analog Devices ADSP2186 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADSP-2186
REV. 0
–28–
100-Lead TQFP Package Pinout
5
4
3
2
7
6
9
8
1
D15
D14
D13
D12
GND
D11
D10
D9
VDD
GND
D8
D7/
IWR
D6/
IRD
D5/
IAL
D4/
IS
GND
VDD
D3/
IACK
D2/IAD15
D1/IAD14
D0/IAD13
BG
EBG
BR
EBR
A4/IAD3
A5/IAD4
GND
A6/IAD5
A7/IAD6
A8/IAD7
A9/IAD8
A10/IAD9
A11/IAD10
A12/IAD11
A13/IAD12
GND
CLKIN
XTAL
VDD
CLKOUT
GND
VDD
WR
RD
BMS
DMS
PMS
IOMS
CMS
71
72
73
74
69
70
67
68
65
66
75
60
61
62
63
58
59
56
57
54
55
64
52
53
51
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
11
10
16
15
14
13
18
17
20
19
22
21
12
24
23
25
ADSP-2186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32