| Moteur de recherche de fiches techniques de composants électroniques |
|
ADSP2186 Fiches technique(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP2186 Fiches technique(HTML) 23 Page - Analog Devices |
|
23 / 32 page ![]() ADSP-2186 REV. 0 –23– Parameter Min Max Unit IDMA Address Latch Timing Requirements: tIALP Duration of Address Latch 1, 3 10 ns tIASU IAD15–0 Address Setup before Address Latch End 3 5ns tIAH IAD15–0 Address Hold after Address Latch End 3 2ns tIKA IACK Low before Start of Address Latch 2, 3 0ns tIALS Start of Write or Read after Address Latch End 2, 3 3ns NOTES 1Start of Address Latch = IS Low and IAL High. 2Start of Write or Read = IS Low and IWR Low or IRD Low. 3End of Address Latch = IS High or IAL Low. tIKA IAD 15–0 IACK IAL IS IRD IWR OR tIALP tIASU tIAH tIALS Figure 20. IDMA Address Latch |