Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC4066D Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74LVC4066D
Description  Quad bilateral switches
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC4066D Fiches technique(HTML) 2 Page - NXP Semiconductors

  74LVC4066D Datasheet HTML 1Page - NXP Semiconductors 74LVC4066D Datasheet HTML 2Page - NXP Semiconductors 74LVC4066D Datasheet HTML 3Page - NXP Semiconductors 74LVC4066D Datasheet HTML 4Page - NXP Semiconductors 74LVC4066D Datasheet HTML 5Page - NXP Semiconductors 74LVC4066D Datasheet HTML 6Page - NXP Semiconductors 74LVC4066D Datasheet HTML 7Page - NXP Semiconductors 74LVC4066D Datasheet HTML 8Page - NXP Semiconductors 74LVC4066D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2003 Aug 12
2
Philips Semiconductors
Product specification
Quad bilateral switches
74LVC4066
FEATURES
• Very low ON resistance:
– 7.5
Ω (typical) at VCC = 2.7 V
– 6.5
Ω (typical) at VCC = 3.3 V
–6
Ω (typical) at VCC =5V.
• ESD protection:
– HBM EIA/JESD22-A114-A Exceeds 2000 V
– MM EIA/JESD22-A115-A Exceeds 200 V.
• High noise immunity
• CMOS low power consumption
• Latch up performance exceeds 250 mA
• Complies with JEDEC standard no. 8-1A
• Direct interface TTL-levels.
DESCRIPTION
The 74LVC4066 is a high-speed Si-gate CMOS device.
The 74LVC4066 has four independent analog switches.
Each switch has two input/output terminals (nY and nZ)
and an active HIGH enable input (nE). When nE is LOW,
the analog switch is turned off.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N + ((CL +CS) × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
CS = switch capacitance.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPZH/tPZL
turn-on time E to Vos
CL = 50 pF; RL = 500 Ω; VCC = 3 V
2.5
ns
CL = 50 pF; RL = 500 Ω; VCC = 5 V
1.9
ns
tPHZ/tPLZ
turn-off time E to Vos
CL = 50 pF; RL = 500 Ω; VCC = 3 V
3.4
ns
CL = 50 pF; RL = 500 Ω; VCC = 5 V
2.5
ns
CI
input capacitance
VCC = 3 V
3.5
pF
CPD
power dissipation capacitance
VCC = 3.3 V; notes 1 and 2
12.5
pF
CS
switch capacitance
OFF-state
8.0
pF
ON-state
14.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23