Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EC2 Fiches technique(PDF) 8 Page - NEC

No de pièce EC2
Description  High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

EC2 Fiches technique(HTML) 8 Page - NEC

Back Button EC2 Datasheet HTML 4Page - NEC EC2 Datasheet HTML 5Page - NEC EC2 Datasheet HTML 6Page - NEC EC2 Datasheet HTML 7Page - NEC EC2 Datasheet HTML 8Page - NEC EC2 Datasheet HTML 9Page - NEC EC2 Datasheet HTML 10Page - NEC EC2 Datasheet HTML 11Page - NEC EC2 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
EC2(ND),EE2(ND) SERIES
DATA SHEET ER0327EJ2V0DS00
TUBE PACKAGE gEC2 (ND), EE2 (ND)h
TAPE PACKAGE gEE2 (ND)h
Rubber stopper (Red)
Rubber stopper (Green)
Index Mark
543
± 1
11.9
± 0.3
(2.4)
( ) Reference
Outline of Package
Dimension of Package (Unit : mm)
35 pieces / Tube
Material : Polyvinyl chloride
(anti-static treated)
2.0(0.079)
0.4
(0.016)
Max.10.9
(0.429)
4.0(0.157)
1.5
(0.06)
φ
φ 2.2
(0.087)
16.0(0.63)
10(0.393)
Top cover tape
Embossed carrying tape
Index mark of relay direction
Relay orientation mark and tape carrying direction.
APPEARANCE
TAPE DIMENSIONS Unit : mm (inch)
Index mark of relay direction
Tape carrying direction
Carrying tape type
Part number
L
EE2........-L
R
EE2........-R
400 Relays / Reel (Standard)
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12