| Moteur de recherche de fiches techniques de composants électroniques |
|
EC2 Fiches technique(PDF) 2 Page - NEC |
|
|
|||||||||||||||||||||||||||||
EC2 Fiches technique(HTML) 2 Page - NEC |
|
2 / 12 page ![]() 2 EC2(ND),EE2(ND) SERIES DATA SHEET ER0327EJ2V0DS00 DIMENSIONS AND PAD LAYOUTS (Unit : mm (inch)) EC2 (ND) SERIES 7.5 (0.296) MAX. 5.08 0.25 (0.010) 0.5 (0.026) 15.0 (0.591) MAX. 5.08 2.54 2.54 (0.200) (0.100) (0.100) (0.200) Note. General tolerance : ±0.2 (±0.008) Dimensions in show basic size. Note. General tolerance : ±0.1 (±0.004) 4 × 2.54 (0.100) 8 - 0.8 (0.031) 2.54 (0.100) φ Non-latch and Single coil latch (Bottom fiew) EE2 (ND) SERIES 15.0 MAX. (0.591) 7.5 MAX. (0.296) 2-2.54 (2-0.100) 5.08 (0.200) Note 1. General torelance : ±0.2 (±0.008) 9.5 (0.374) 5.08 (0.200) 1.0(0.039) 5.08 (0.200) 2-2.54 (0.100) (Bottom view) Note 1. General torelance : ±0.1 ( ± 0.004) PIN CONFIGURATIONS (bottom view) EC2 (ND) SERIES Index mark of relay direction Non-latch type (not energized position) Single coil latch type (reset position) S : Coil polarity of set (operate) R : Coil polarity of reset (release) 13 4 5 12 10 9 8 13 4 5 12 10 9 S R 8 13 4 5 12 10 9 8 R Index mark of relay direction 13 4 5 12 10 9 8 S Non-latch type (not energized position) Single coil latch type (reset position) S : Coil polarity of set (operate) R : Coil polarity of reset (release) EE2 (ND) SERIES EC2-5ND 9717 JAPAN 1 4 7 3 6 5 2 q Part number w Manufacturer e Country of origin r Date code t Index mark of relay direction (pin No. 1, 12) y UL, CSA Marking u TUV Marking MARKINGS (top view) |