| Moteur de recherche de fiches techniques de composants électroniques |
|
CS8416 Fiches technique(PDF) 46 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8416 Fiches technique(HTML) 46 Page - Cirrus Logic |
|
46 / 48 page ![]() CS8416 46 DS578PP2 1 XLR Twisted Pair 110 Ω 110 Ω CS8416 RXP0 RXN0 *See Text 1 XLR Twisted Pair 110 Ω 110 Ω CS8416 RXP0 RXN0 0.01 F µ 0.01 F µ *See Text Figure 14. Professional Input Circuit Figure 15. Transformerless Professional Input Circuit RXP7 RXN0 RXP0 RXP6 75 Ω .01 µF .01 µF .01 µF . .. .01 µF 75 Ω Coax 75 Ω 75 Ω 75 Ω Coax 75 Ω Coax CS8416 Figure 16. Consumer Input Circuit Figure 17. S/PDIF MUX Input Circuit RCA Phono RXP0 RXN0 CS8416 Coax 75 Ω 75 Ω 0.01 µF 0.01 µF RXP0 RXN0 CS8416 0.01 µF 0.01 µF TTL/CMOS Gate Figure 18. TTL/CMOS Input Circuit |