| Moteur de recherche de fiches techniques de composants électroniques |
|
CS8416 Fiches technique(PDF) 3 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS8416 Fiches technique(HTML) 3 Page - Cirrus Logic |
|
3 / 48 page ![]() CS8416 DS578PP2 3 8.3 Control2 (02h)................................................................................................................... 26 8.4 Control3 (03h)................................................................................................................... 26 8.5 Control4 (04h)................................................................................................................... 27 8.6 Serial Audio Data Format (05h) ........................................................................................ 27 8.7 Receiver Error Mask (06h) .............................................................................................. 29 8.8 Interrupt Mask (07h) ......................................................................................................... 29 8.9 Interrupt Mode MSB (08h) and Interrupt Mode LSB(09h) ................................................ 29 8.10 Receiver Channel Status (0Ah) ..................................................................................... 30 8.11 Format Detect Status (0Bh) ............................................................................................ 30 8.12 Receiver Error (0Ch) ..................................................................................................... 31 8.13 Interrupt 1 Status (0Dh) ................................................................................................. 32 8.14 Q-Channel Subcode (0Eh - 17h) .................................................................................... 32 8.15 OMCK/RMCK Ratio (18h) .............................................................................................. 33 8.16 Channel Status Registers (19h - 22h) ............................................................................ 33 8.17 IEC61937 PC/PD Burst preamble (23h - 26h)................................................................ 33 8.18 CS8416 I.D. and Version Register (7Fh) ........................................................................ 33 8.19 Memory Address Pointer (MAP) ..................................................................................... 34 9. PIN DESCRIPTION - SOFTWARE MODE ............................................................................ 35 10 HARDWARE MODE .............................................................................................................. 37 10.1 Serial Audio Port Formats ............................................................................................. 37 11 PIN DESCRIPTION - HARDWARE MODE ........................................................................... 38 11.1 Hardware Mode Function Selection .............................................................................. 40 11.2 Hardware Mode Settings (Defaults & Controls) ............................................................. 40 12 APPLICATIONS .................................................................................................................... 42 12.1 Reset, Power Down and Start-up .................................................................................. 42 12.2 ID Code and Revision Code .......................................................................................... 42 12.3 Power Supply, Grounding, and PCB layout ................................................................... 42 13 PACKAGE DIMENSIONS ..................................................................................................... 43 14 APPENDIX A: EXTERNAL AES3/SPDIF/IEC60958 RECEIVER COMPONENTS .............. 45 14.1 AES3 Receiver External Components ........................................................................... 45 14.2 Isolating Transformer Requirements ............................................................................. 45 15 APPENDIX B: CHANNEL STATUS BUFFER MANAGEMENT .......................................... 47 15.1 AES3 Channel Status (C) Bit Management ................................................................... 47 15.2 Accessing the E buffer ................................................................................................... 47 15.2.1 Serial Copy Management System (SCMS) ....................................................... 47 |