| Moteur de recherche de fiches techniques de composants électroniques |
|
LE25S161 Fiches technique(PDF) 43 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LE25S161 Fiches technique(HTML) 43 Page - ON Semiconductor |
|
43 / 54 page ![]() LE25S161 www.onsemi.com 43 11. Hold Function Using the HOLD pin, the hold function suspends serial communication (it places it in the hold status). "Figure 24. HOLD Function" shows the timing waveforms. The device is placed in the hold status at the falling HOLD edge while the logic level of SCK is low, and it exits from the hold status at the rising HOLD edge. When the logic level of SCK is high, HOLD must not rise or fall. The hold function takes effect when the logic level of CS is low, the hold status is exited and serial communication is reset at the rising CS edge. In the hold status, the SO output is in the high-impedance state, and SI and SCK are "don't care". Figure 24. HOLD Function CS HOLD SCK SO Active HOLD Active tHH tHS tHLZ tHHZ High Impedance tHH tHS |