Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LE25S161 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce LE25S161
Description  Serial Flash Memory
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S161 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button LE25S161 Datasheet HTML 2Page - ON Semiconductor LE25S161 Datasheet HTML 3Page - ON Semiconductor LE25S161 Datasheet HTML 4Page - ON Semiconductor LE25S161 Datasheet HTML 5Page - ON Semiconductor LE25S161 Datasheet HTML 6Page - ON Semiconductor LE25S161 Datasheet HTML 7Page - ON Semiconductor LE25S161 Datasheet HTML 8Page - ON Semiconductor LE25S161 Datasheet HTML 9Page - ON Semiconductor LE25S161 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
LE25S161
www.onsemi.com
6
Package Dimensions
unit : mm
LE25S161XATAG
WLCSP8, 2.92x1.53
CASE 567LC
ISSUE A
SEATING
PLANE
0.10 C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. COPLANARITY APPLIES TO THE SPHERICAL
CROWNS OF THE SOLDER BALLS.
2X
DIM
A
MIN
MAX
MILLIMETERS
A1
D
2.92 BSC
E
b
0.25
0.35
e
0.50 BSC
0.50
E
D
A B
PIN A1
REFERENCE
e
0.08 C
A
B
0.10 C
A
A1
C
0.03
0.13
1.53 BSC
0.30
8X
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.50
0.10 C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 3
RECOMMENDED
A1
PACKAGE
OUTLINE
12
PITCH
e/2
e
0.50
PITCH
e/2
A
0.05
B
C
0.03 C
8X
b
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54