Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM1111 Fiches technique(PDF) 9 Page - Mitsumi Electronics, Corp.

No de pièce MM1111
Description  2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUMI [Mitsumi Electronics, Corp.]
Site Internet  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1111 Fiches technique(HTML) 9 Page - Mitsumi Electronics, Corp.

Back Button MM1111 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 10Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MITSUMI
2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch MM1111~MM1118
Measuring Procedures (Except where noted otherwise, VCC=5.0V, VC1=VCC, VC2=0V)
Item
Symbol
Switch state
Measuring Procedure
S1
S2
S3
S4
S5
Consumption
Id
22222
current
12222
Voltage gain
GV
21212
22111
22121
12222
Frequency
FC
21212
characteristic
22111
22121
12222
Differential gain
DG
21212
22111
22121
12222
Differential phase
DP
21212
22111
22121
Output offset
22222
voltage
Voff
22212
22211
12212
12221
12211
Crosstalk
CT
21222
21221
21211
22122
22112
Switch 1 input
22212
voltage H
VIH1
Switch 1 input
voltage L
VIL1
Switch 2 input
22221
voltage H
VIH2
Switch 2 input
voltage L
VIL2
Connect a DC ammeter to the VCC pin and measure. The
ammeter is shorted for use in subsequent measurements.
Input a 1.0VP-P, 100kHz sine wave to SG, and obtain GV
from the following formula given TP1 voltage as V1
and TP3 voltage as V2.
GV=20LOG (V2/V1) dB
For the above GV measurement, given TP3 voltage for
10MHz as V3, FC is obtained from the following
formula.
FC=20LOG (V3/V2) dB
Input a 1.0VP-P staircase wave to SG, and measure
differential gain at TP3.
APL=10~90%
Proceed as for DG, and measure differential phase.
Measure the DC voltage difference of each switch
status at TP2.
Assume VC1=2.1V, VC2=0.7V.
Input a 2.0VP-P, 4.43MHz sine wave to SG, and given
TP1 voltage as V4 and TP3 voltage as V5, CT is
obtained from the following formula.
CT = 20LOG (V5/V4) dB
Impress an optional DC voltage on TP6 and TP7.
Gradually raise from VC1=0V. TP4 voltage when TP7
voltage is output on TP2 is VIH1. Gradually lower from
VC1=VCC. TP4 voltage when TP6 voltage is output on
TP2 is VIL1.
Impress an optional DC voltage on TP6 and TP8.
Gradually raise from VC1=0V. TP5 voltage when TP8
voltage is output on TP2 is VIH2. Gradually lower from
VC1=VCC. TP5 voltage when TP6 voltage is output on
TP2 is VIL2.



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com