Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM1111 Fiches technique(PDF) 6 Page - Mitsumi Electronics, Corp.

No de pièce MM1111
Description  2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUMI [Mitsumi Electronics, Corp.]
Site Internet  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1111 Fiches technique(HTML) 6 Page - Mitsumi Electronics, Corp.

Back Button MM1111 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1111 Datasheet HTML 10Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MITSUMI
2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch MM1111~MM1118
3-Input 1-Output Video Switch (with 6dB amp)
Monolithic IC MM1118
Outline
This is a 3-input, 1-output video switch IC with a clamp function and built-in 6dB amp, for video signal
switching. One of the inputs also has a mute function.
Features
1. Built-in 6dB amp
2. Clamp function
3. Mute function
4. Current consumption
5.1mA typ.
5. Operating power supply voltage range
4.6~13.0V
6. Frequency response
10MHz
7. Crosstalk
64dB (at 4.43MHz)
Package
SOP-8C (MM1118XF)
SIP-8A (MM1118XS)
Applications
1. TV
2. VCR
3. Other video equipment
Introduction of Main Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com