| Moteur de recherche de fiches techniques de composants électroniques |
|
HV5812 Fiches technique(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HV5812 Fiches technique(HTML) 9 Page - Microchip Technology |
|
9 / 16 page ![]() 28-Lead PDIP (.600in Row Spacing) Package Outline (P) 1.565x.580in body, .250in height (max), .100in pitch Note 1 (Index Area) 28 1 D L A1 A A2 Seating Plane e E1 D1 D1 E A A Side View Top View View A - A eA eB b b1 View B View B Note: 1. Symbol A A1 A2 b b1 D D1 E E1 e eA eB L Dimension (inches) MIN .140* .015 .125 .014 .030 1.380 .065† .590† .485 .100 BSC .600 BSC .600* .115 NOM ----- - - - - - - MAX .250 .055* .195 .023† .070 1.565 .085* .625 .580 .700 .200 Drawings not to scale. Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging. Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging. 2016 Microchip Technology Inc. DS20005629A-page 9 HV5812 |