Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HV5812 Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce HV5812
Description  20-Channel Serial-Input Vacuum Fluorescent Display Driver for Anode or Grid
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV5812 Fiches technique(HTML) 8 Page - Microchip Technology

Back Button HV5812 Datasheet HTML 4Page - Microchip Technology HV5812 Datasheet HTML 5Page - Microchip Technology HV5812 Datasheet HTML 6Page - Microchip Technology HV5812 Datasheet HTML 7Page - Microchip Technology HV5812 Datasheet HTML 8Page - Microchip Technology HV5812 Datasheet HTML 9Page - Microchip Technology HV5812 Datasheet HTML 10Page - Microchip Technology HV5812 Datasheet HTML 11Page - Microchip Technology HV5812 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HV5812
DS20005629A-page 8
 2016 Microchip Technology Inc.
4.0
PACKAGE MARKING INFORMATION
4.1
Packaging Information
28-lead PDIP
Example
HV5812Pe3
1625859
XXXXXXe3
YYWWNNN
Legend: XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for product code or customer-specific information. Package may or
not include the corporate logo.
3
e
3
e
XXXXXXX e3
YYWWNNN
e3
HV5812WG
1678896
28-lead SOW
Example
28-lead PLCC
Example
XXXXXXXXX
YYWWNNN
e3
HV5812PJ
1611231
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16